Electronic Components Datasheet Search
  English  ▼

X  

OZ968 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OZ968
Description  SMBus Smart Inverter Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ968 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OZ968 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OZ968
OZ968-SF-1.5
Page 3
PIN CONFIGURATION
Pin No.
Name
Description
1
FB
Current sense feedback.
2
CMP
Compensation for the current sense feedback.
3
SST
Soft start in two steps. Two-interval current sources of 50
µA and 0.6µA
provide 1:26.6 ratio between the two time intervals of soft start. Connect a
capacitor between this pin and the ground to adjust the soft-start timing.
4
ADJ
The output of the brightness D/A converter. The brightness has 32 adjust-
able levels. The default range is between 0.9V to 2.5V.
5
CNT
The output of the contrast D/A converter. The contrast has 256 levels from
0.8V to 2.8 V (8mV per step). This output has a current capability of up to
2mA.
6
RT
Timing resistor.
7
CT
Timing capacitor. CT and RT set the clock frequency. Fs = 1.60 / (RT * CT).
8
GND
Ground.
9
NDR
Gate drive output for the N-MOSFET.
10
PDR
Gate drive output for the P-MOSFET.
11
OVP
Over-voltage protection sense input.
12
SMBC
SMBus Clock Input/Output
13
SMBD
SMBus Data Input/Output.
14
VSEQ
Vee power sequence input.
15
SCP
Short-circuit protection sense input.
16
VDD
Supply voltage input.
ABSOLUTE MAXIMUM RATINGS
VDD
7.0 V
Logic inputs
-0.3 V to VDD+0.3 V
GND
+/- 0.3 V
Storage temp.
-55 to 150 oC
Operating temp.
0 to 70 oC
Operating junction temp.
150 oC
RECOMMENDED OPERATING RANGE
VDD
4.75 V to 5.25 V
Fosc
30 KHz to 100 KHz
Rt
50 K to 150 K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com