Electronic Components Datasheet Search
  English  ▼

X  

OZ968 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OZ968
Description  SMBus Smart Inverter Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ968 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OZ968 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OZ968
OZ968-SF-1.5
Page 4
FUNCTIONAL SPECIFICATIONS
Parameter
Test Conditions
Limits
Unit
VDD = 5V, Tj =25, Test Circuit
Min
Typ
Max
Oscillator
Initial accuracy
Ct = 270pF, Rt = 100k
54
59
64
KHz
Temp. stability
TA = 0
oC to 70oC
-
200
500
ppm/
oC
Line regulation
4.5 V < VDD <5.5V
-
2
3
%
Error Amplifier
Bias current
-
2.5
5
µA
Input offset voltage
-
2.0
5.0
mV
Open loop voltage gain
60
80
-
dB
Unity gain bandwidth
-
2.0
-
MHz
Dimming D/A Output (ADJ – floating)
Maximum level
2.40
2.50
2.65
V
Minimum level
0.8
0.9
1.0
V
Power-on reset default
2.40
2.5
2.65
V
Settling time
-
10
-
µs
D/A output levels
-
32
-
Contrast D/A Output
Maximum level
2.70
2.80
2.95
V
Minimum level
0.75
0.80
0.90
V
Power-on reset default
0.75
0.80
0.90
V
Settling time
-
10
-
µs
Maximum output current
-
2.0
2.2
mA
Load regulation
-
50
100
mV/mA
D/A output levels
-
256
-
Under-voltage Lockout
Power-on Voltage
3.8
4.0
4.2
V
Hysteresis
-
0.3
-
V
Break-before-Make
Delay (between NDR and PDR)
100KHz, 800pF loading
-
400
-
ns
Supply
Supply current – Standby Mode
-
150
-
µA
Supply current – Active Mode
100KHz, 800pF loading
-
1
2
mA
Output (NDR and PDR)
Output high voltage
VDD = 5.0V
4.75
-
-
V
Output low voltage
VDD = 5.0V
-
-
0.25
V
Output resistance
VDD = 5.0V
-
50
-
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com