| Electronic Components Datasheet Search |
|
MSP430C412IPM Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430C412IPM Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 55 page ![]() MSP430x41x MIXED SIGNAL MICROCONTROLLER SLAS340G − MAY 2001 − REVISED JUNE 2004 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating modes The MSP430 has one active mode and five software selectable low-power modes of operation. An interrupt event can wake up the device from any of the five low-power modes, service the request and restore back to the low-power mode on return from the interrupt program. The following six operating modes can be configured by software: D Active mode AM; − All clocks are active D Low-power mode 0 (LPM0); − CPU is disabled ACLK and SMCLK remain active, MCLK is available to modules FLL+ Loop control remains active D Low-power mode 1 (LPM1); − CPU is disabled ACLK and SMCLK remain active, MCLK is available to modules FLL+ Loop control is disabled D Low-power mode 2 (LPM2); − CPU is disabled MCLK and FLL+ loop control and DCOCLK are disabled DCO’s dc-generator remains enabled ACLK remains active D Low-power mode 3 (LPM3); − CPU is disabled MCLK, FLL+ loop control, and DCOCLK are disabled DCO’s dc-generator is disabled ACLK remains active D Low-power mode 4 (LPM4); − CPU is disabled ACLK is disabled MCLK, FLL+ loop control, and DCOCLK are disabled DCO’s dc-generator is disabled Crystal oscillator is stopped |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |