Electronic Components Datasheet Search
  English  ▼

X  

MSP430C412IPM Datasheet(PDF) 16 Page - Texas Instruments

Part # MSP430C412IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C412IPM Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430C412IPM Datasheet HTML 12Page - Texas Instruments MSP430C412IPM Datasheet HTML 13Page - Texas Instruments MSP430C412IPM Datasheet HTML 14Page - Texas Instruments MSP430C412IPM Datasheet HTML 15Page - Texas Instruments MSP430C412IPM Datasheet HTML 16Page - Texas Instruments MSP430C412IPM Datasheet HTML 17Page - Texas Instruments MSP430C412IPM Datasheet HTML 18Page - Texas Instruments MSP430C412IPM Datasheet HTML 19Page - Texas Instruments MSP430C412IPM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
watchdog timer
The primary function of the watchdog timer (WDT) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.
comparator_A
The primary function of the comparator_A module is to support precision slope analog−to−digital conversions,
battery−voltage supervision, and monitoring of external analog signals.
timer_A3/timer0_A3
Timer_A3/Timer0_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3/Timer0_A3 can
support multiple capture/compares, PWM outputs, and interval timing. Timer_A3/Timer0_A3 also has extensive
interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of
the capture/compare registers.
Timer_A3/Timer0_A3 Signal Connections
Input Pin Number
Device Input Signal
Module Input Name
Module Block
Module Output Signal
Output Pin Number
48 - P1.5
TACLK/TA0CLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
48 - P1.5
TACLK/TA0CLK
INCLK
53 - P1.0
TA0/TA0.0
CCI0A
53 - P1.0
52 - P1.1
TA0/TA0.0
CCI0B
CCR0
TA0/TA0.0
DVSS
GND
CCR0
TA0/TA0.0
DVCC
VCC
51 - P1.2
TA1/TA0.1
CCI1A
51 - P1.2
CAOUT (internal)
CCI1B
CCR1
TA1/TA0.1
DVSS
GND
CCR1
TA1/TA0.1
DVCC
VCC
45 - P2.0
TA2/TA0.2
CCI2A
45 - P2.0
ACLK (internal)
CCI2B
CCR2
TA2/TA0.2
DVSS
GND
CCR2
TA2/TA0.2
DVCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com