Electronic Components Datasheet Search
  English  ▼

X  

DS485 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS485
Description  Low Power RS-485/RS-422 Multipoint Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS485 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS485 Datasheet HTML 2Page - National Semiconductor (TI) DS485 Datasheet HTML 3Page - National Semiconductor (TI) DS485 Datasheet HTML 4Page - National Semiconductor (TI) DS485 Datasheet HTML 5Page - National Semiconductor (TI) DS485 Datasheet HTML 6Page - National Semiconductor (TI) DS485 Datasheet HTML 7Page - National Semiconductor (TI) DS485 Datasheet HTML 8Page - National Semiconductor (TI) DS485 Datasheet HTML 9Page - National Semiconductor (TI) DS485 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Parameter Measurement Information (Continued)
Pin Descriptions
Pin #
I/O
Name
Function
1
O
RO
Receiver Output: If A > B by 200 mV, RO will be high; If A < B by 200 mV, RO will be low. RO will
be high also if the inputs (A and B) are open (non-terminated).
2I
RE*
Receiver Output Enable: RO is enabled when RE* is low; RO is in TRI-STATE when RE* is high.
3
I
DE
Driver Output Enable: The driver outputs (A and B) are enabled when DE is high; they are in
TRI-STATE when DE is low. Pins A and B also function as the receiver input pins (see below).
4
I
DI
Driver Input: A low on DI forces A low and B high while a high on DI forces A high and B low when
the driver is enabled.
5
NA
GND
Ground
6
I/O
A
Non-inverting Driver Output and Receiver Input pin. Driver output levels conform to RS-485 signaling
levels.
7
I/O
B
Inverting Driver Output and Receiver Input pin. Driver output levels conform to RS-485 signaling
levels.
8NA
V
CC
Power Supply: 4.75V
≤ V
CC ≤ 5.25V
Related National Low Power RS-485 Transceivers
Part Number
Temperature
Number of
Comments
Range
XCVRs on Bus
DS36C278
0˚C to +70˚C
128
Ultra Low Power Transceiver
DS36C278T
−40˚C to +85˚C
64
Ultra Low Power Transceiver
DS36C279
0˚C to +70˚C
128
Auto-Sleep Mode
DS36C279T
−40˚C to +85˚C
64
Auto-Sleep Mode
DS36C280
0˚C to +70˚C
128
Adjustable Slew Rate Control
DS36C280T
−40˚C to +85˚C
64
Adjustable Slew Rate Control
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com