Electronic Components Datasheet Search
  English  ▼

X  

DS485 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS485
Description  Low Power RS-485/RS-422 Multipoint Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS485 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS485 Datasheet HTML 1Page - National Semiconductor (TI) DS485 Datasheet HTML 2Page - National Semiconductor (TI) DS485 Datasheet HTML 3Page - National Semiconductor (TI) DS485 Datasheet HTML 4Page - National Semiconductor (TI) DS485 Datasheet HTML 5Page - National Semiconductor (TI) DS485 Datasheet HTML 6Page - National Semiconductor (TI) DS485 Datasheet HTML 7Page - National Semiconductor (TI) DS485 Datasheet HTML 8Page - National Semiconductor (TI) DS485 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS485
Low Power RS-485/RS-422 Multipoint Transceiver
General Description
The DS485 is a low-power transceiver for RS-485 and
RS-422 communication. The device contains one driver and
one receiver. The drivers slew rate allows for operation up to
2.5 Mbps (see Applications Information section).
The transceiver draws 200 µA of supply current when un-
loaded or fully loaded with the driver disabled and operates
from a single +5V supply.
The driver is short-circuit current limited and is protected
against excessive power dissipation by thermal shutdown
circuitry that places the driver outputs into TRI-STATE®
(High Impedance state) under fault conditions. The driver
guarantees a minimum of 1.5V differential output voltage
with maximum loading across the common mode range
(V
OD3).
The receiver has a failsafe feature that guarantees a
logic-high output if the input is open circuit.
The DS485 is available in surface mount and DIP packages
and is characterized for Industrial and Commercial tempera-
ture range operation.
Features
n Meets TIA/EIA RS-485 multipoint standard
n Guaranteed full load output voltage (V OD3)
n Low quiescent current:
200 µA typ
n −7V to +12V common-mode input voltage range
n TRI-STATE outputs on driver and receiver
n AC performance:
— Driver transition time:
25 ns typ
— Driver propagation delay:
40 ns typ
— Driver skew:
1 ns typ
— Receiver propagation delay:
200 ns typ
— Receiver skew:
20 ns typ
n Half-duplex flow through pinout
n Operates from a single 5V supply
n Allows up to 32 transceivers on the bus
n Current-limiting and thermal shutdown for driver
overload protection
n Industrial temperature range operation
n Pin and functional compatible with MAX485 and LTC485
Connection and Logic Diagram
Order Number
Temp. Range
Package/###
DS485N
0˚C to +70˚C
DIP/N08E
DS485M
0˚C to +70˚C
SOP/M08A
DS485TN
−40˚C to +85˚C
DIP/N08E
DS485TM
−40˚C to +85˚C
SOP/M08A
Truth Table
DRIVER SECTION
RE*
DE
DI
A
B
X
HHH
L
XH
L
L
H
XLX
ZZ
RECEIVER SECTION
RE*
DE
A-B
RO
LL
≥+0.2V
H
LL
≤−0.2V
L
HX
X
Z
L
L
OPEN*
H
*Note: Non Terminated, Open Input only
X = indeterminate
Z = TRI-STATE
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DIP and SOIC
DS012880-1
July 1998
© 1999 National Semiconductor Corporation
DS012880
www.national.com


Similar Part No. - DS485

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS485 TI1-DS485 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Bridgelux, Inc.
DS485 BRIDGELUX-DS485 Datasheet
432Kb / 16P
Bridgelux® Pallas-A Single Channel 40W (0-10V) Linear Driver
Rev. A 08/2022
logo
Texas Instruments
DS485M TI1-DS485M Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
DS485M/NOPB TI1-DS485M/NOPB Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
DS485MX/NOPB TI1-DS485MX/NOPB Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
More results

Similar Description - DS485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS481 NSC-DS481 Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
logo
National Semiconductor ...
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com