Electronic Components Datasheet Search
  English  ▼

X  

TMP122 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122
Description  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122 Datasheet(HTML) 2 Page - Texas Instruments

  TMP122 Datasheet HTML 1Page - Texas Instruments TMP122 Datasheet HTML 2Page - Texas Instruments TMP122 Datasheet HTML 3Page - Texas Instruments TMP122 Datasheet HTML 4Page - Texas Instruments TMP122 Datasheet HTML 5Page - Texas Instruments TMP122 Datasheet HTML 6Page - Texas Instruments TMP122 Datasheet HTML 7Page - Texas Instruments TMP122 Datasheet HTML 8Page - Texas Instruments TMP122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TMP122, TMP124
2
SBOS272B
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+ .................................................................................. 7V
Input Voltage(2) ....................................................................... –0.3V to 7V
Input Current ..................................................................................... 10mA
Operating Temperature Range ...................................... –55
°C to +150°C
Storage Temperature Range ......................................... –60
°C to +150°C
Junction Temperature (TJ Max) .................................................... +150°C
Lead Temperature (soldering) ....................................................... +300
°C
NOTES: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability. (2) Input voltage
rating applies to all TMP122 and TMP124 input voltages.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
TMP122
SOT23-6
DBV
–40
°C to +125°C
T122
TMP122AIDBVT
Tape and Reel, 250
""
""
"
TMP122AIDBVR
Tape and Reel, 3000
TMP124
SO-8
D
–40
°C to +125°C
T124
TMP124AID
Rails, 100
""
""
"
TMP124AIDR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PIN CONFIGURATIONS
Top View
SOT23-6
ALERT
GND
V+
SO/I
CS
SCK
1
2
3
6
5
4
TMP122
Top View
SO-8
SI/O
SC
NC
GND
V+
CS
NC
ALERT
1
2
3
4
8
7
6
5
TMP124
NC = No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com