Electronic Components Datasheet Search
  English  ▼

X  

TMP122 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122
Description  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122 Datasheet(HTML) 1 Page - Texas Instruments

  TMP122 Datasheet HTML 1Page - Texas Instruments TMP122 Datasheet HTML 2Page - Texas Instruments TMP122 Datasheet HTML 3Page - Texas Instruments TMP122 Datasheet HTML 4Page - Texas Instruments TMP122 Datasheet HTML 5Page - Texas Instruments TMP122 Datasheet HTML 6Page - Texas Instruments TMP122 Datasheet HTML 7Page - Texas Instruments TMP122 Datasheet HTML 8Page - Texas Instruments TMP122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TMP122
TMP124
SBOS272B – JUNE 2003 – REVISED DECEMBER 2003
www.ti.com
DESCRIPTION
The TMP122 and TMP124 are SPI-compatible temperature
sensors available in SOT23-6 and SO-8 packages. Requir-
ing only a pull-up resistor for complete function, the TMP122
and TMP124 temperature sensors are capable of measuring
temperatures within 2
°C of accuracy over a temperature
range of –40
°C to +125°C, with operation up to 150°C.
Programmable resolution, programmable set points and shut
down function provide versatility for any application. Low
supply current and a supply range from 2.7V to 5.5V make
the TMP122 and TMP124 excellent candidates for low-
power applications.
The TMP122 and TMP124 are ideal for extended thermal
measurement in a variety of communication, computer, con-
sumer, environmental, industrial, and instrumentation appli-
cations.
FEATURES
q DIGITAL OUTPUT: SPI-Compatible Interface
q PROGRAMMABLE RESOLUTION:
9- to 12-Bits + Sign
q ACCURACY:
±1.5°C from –25°C to +85°C (max)
±2.0°C from –40°C to +125°C (max)
q LOW QUIESCENT CURRENT: 50
µA
q WIDE SUPPLY RANGE: 2.7V to 5.5V
q TINY SOT23-6 AND SO-8 PACKAGES
q OPERATION TO 150
°C
q PROGRAMMABLE HIGH/LOW SETPOINTS
Copyright © 2003, Texas Instruments Incorporated
1.5
°C Accurate Programmable
Digital Temperature Sensors
with SPI™ Interface
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q POWER-SUPPLY TEMPERATURE MONITORING
q COMPUTER PERIPHERAL THERMAL PROTECTION
q NOTEBOOK COMPUTERS
q CELL PHONES
q BATTERY MANAGEMENT
q OFFICE MACHINES
q THERMOSTAT CONTROLS
q ENVIRONMENTAL MONITORING and HVAC
q ELECTROMECHANICAL DEVICE TEMPERATURE
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP122
Temperature
GND
ALERT
1
2
3
6
5
4
V+
SO/I
CS
SCK
SPI is a registered trademark of Motorola. All other trademarks are the property of their respective owners.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP124
Temperature
SCK
SO/I
1
2
3
8
7
6
NC
V+
CS
NC
45
GND
ALERT
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMP122

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122 TI-TMP122 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP122 TI2-TMP122 Datasheet
649Kb / 21P
1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface
REVISED DECEMBER 2003
TMP122 TI2-TMP122 Datasheet
655Kb / 21P
1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface
REVISED DECEMBER 2003
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results

Similar Description - TMP122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com