Electronic Components Datasheet Search
  English  ▼

X  

TMS34094 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS34094
Description  ISA BUS INTERFACE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS34094 Datasheet(HTML) 2 Page - Texas Instruments

  TMS34094 Datasheet HTML 1Page - Texas Instruments TMS34094 Datasheet HTML 2Page - Texas Instruments TMS34094 Datasheet HTML 3Page - Texas Instruments TMS34094 Datasheet HTML 4Page - Texas Instruments TMS34094 Datasheet HTML 5Page - Texas Instruments TMS34094 Datasheet HTML 6Page - Texas Instruments TMS34094 Datasheet HTML 7Page - Texas Instruments TMS34094 Datasheet HTML 8Page - Texas Instruments TMS34094 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TMS34094
ISA BUS INTERFACE
SPVS006A – FEBRUARY 1992 – REVISED JUNE 1992
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2
local memory decode
TMS34020 local memory map decoding is provided by the TMS34094. The TMS34094 internally decodes LAD
bus addresses to generate four bank select output signals. The bank select signals may be used to control
DRAM, VRAM, ROM and other devices in the TMS34020 local memory map. This programmable decoding
allows designs to support multiple resolutions and color depths through software configuration.
For applications requiring synchronization of host software and TMS34020 software, the TMS34094 shadows
the TMS34020 host control register low (HSTCTLL) as an ISA I/O register. This eliminates a LAD bus host
access cycle, thereby reducing LAD bus traffic and increasing TMS34020 performance.
To simplify the design of VGA-compatible, single-monitor graphics systems, the TMS34094 supports VGA
passthrough. Onchip passthrough logic supports designs where VGA controllers are onboard, as well as
designs where a VGA-compatible auxiliary video connector is provided. The TMS34094 decodes ISA Bus
accesses to standard VGA palette control registers and signals that a VGA pass-through access is occurring.
Shadowing of VGA passthrough cycles may be disabled, enabled for writes only, or enabled for reads and
writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com