Electronic Components Datasheet Search
  English  ▼

X  

TMS34094 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS34094
Description  ISA BUS INTERFACE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS34094 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS34094 Datasheet HTML 17Page - Texas Instruments TMS34094 Datasheet HTML 18Page - Texas Instruments TMS34094 Datasheet HTML 19Page - Texas Instruments TMS34094 Datasheet HTML 20Page - Texas Instruments TMS34094 Datasheet HTML 21Page - Texas Instruments TMS34094 Datasheet HTML 22Page - Texas Instruments TMS34094 Datasheet HTML 23Page - Texas Instruments TMS34094 Datasheet HTML 24Page - Texas Instruments TMS34094 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VIH
High-level input voltage
VIL
Low-level input voltage
IOH
High-level output current
– 1
mA
1
mA
IOL
Low-level output current
TMS34094
ISA BUS INTERFACE
SPVS006A – FEBRUARY 1992 – REVISED JUNE 1992
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
21
absolute maximum ratings over operating free-air temperature range†
Supply voltage range, VCC (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current , IOK (VO < 0 or VO > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, (VO = 0 to VCC)
± 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
0
°C to 55 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the “recommended operating conditions” section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values in this data sheet are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VSS
Supply voltage
0
0
0
V
HOE
0.7 VCC
V
All other inputs
2
V
HOE
0.2 VCC
V
All other inputs
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
TA
Operating free-air temperature
0
55
°C
DC electrical characteristics over full ranges of recommended operating conditions
PARAMETER
MIN
MAX
UNIT
VOH
High-level output voltage
3.7
V
VOL
Low-level input voltage
0.5
V
II
Input current
– 1
1
µA
D15–D0, PCINT
– 3
mA
LAD31–LAD0
– 2
mA
BSEL3–BSEL0
HA31–HA5, HBS01, HBS23,
HCS, HWRITE, HREAD, RESET,
SSRT, VGASHD
D15–D0, IO16, CHRDY, M16, PCINT
24
mA
LAD31–LAD0
4
mA
BSEL3–BSEL0
HA31–HA5, HBS01, HBS23, HCS, HWRITE,
HREAD, RESET, SSRT, VGASHD
ICC
VCC supply current
VCC = MAX
200
mA
capacitance over recommended ranges of supply voltage and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CI
Input capacitance
10
pF
CO
Output capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com