Electronic Components Datasheet Search
  English  ▼

X  

THS4271D Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271D
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271D Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4271D Datasheet HTML 15Page - Texas Instruments THS4271D Datasheet HTML 16Page - Texas Instruments THS4271D Datasheet HTML 17Page - Texas Instruments THS4271D Datasheet HTML 18Page - Texas Instruments THS4271D Datasheet HTML 19Page - Texas Instruments THS4271D Datasheet HTML 20Page - Texas Instruments THS4271D Datasheet HTML 21Page - Texas Instruments THS4271D Datasheet HTML 22Page - Texas Instruments THS4271D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
19
_
+
THS4271
Rg
249
Ω
RT
130
Ω
100 pF
0.1
µF
6.8
µF
−VS
−5 V
50
Ω Source
+
VI
100 pF
0.1
µF
6.8
µF
+
+VS
5 V
VO
CT
0.1
µF
Rf
249
Ω
RM
61.9
Ω
499
Ω
Figure 76. Wideband, Inverting Gain
Configuration
In
the
inverting
configuration,
some
key
design
considerations must be noted. One is that the gain resistor
(Rg) becomes part of the signal channel input impedance.
If the input impedance matching is desired (which is
beneficial whenever the signal is coupled through a cable,
twisted pair, long PC board trace, or other transmission
line conductors), Rg may be set equal to the required
termination value and Rf adjusted to give the desired gain.
However, care must be taken when dealing with low
inverting gains, as the resultant feedback resistor value
can present a significant load to the amplifier output. For
an inverting gain of 2, setting Rg to 49.9 Ω for input
matching eliminates the need for RM but requires a 100-Ω
feedback resistor. This has an advantage of the noise gain
becoming equal to 2 for a 50-
Ω source impedance—the
same as the noninverting circuit in Figure 75. However, the
amplifier output now sees the 100-
Ω feedback resistor in
parallel with the external load. To eliminate this excessive
loading, it is preferable to increase both Rg and Rf, values,
as shown in Figure 76, and then achieve the input
matching impedance with a third resistor (RM) to ground.
The
total
input
impedance
becomes
the
parallel
combination of Rg and RM.
The next major consideration is that the signal source
impedance becomes part of the noise gain equation and
hence influences the bandwidth. For example, the RM
value combines in parallel with the external 50-
Ω source
impedance (at high frequencies), yielding an effective
source impedance of 50
Ω || 61.9 Ω = 27.7 Ω. This
impedance is then added in series with Rg for calculating
the noise gain. The result is 1.9 for Figure 76, as opposed
to the 1.8 if RM is eliminated. The bandwidth is lower for the
gain of –2 circuit, Figure 76, (NG=+1.9) than for the gain
of +2 circuit in Figure 75.
The last major consideration in inverting amplifier design
is setting the bias current cancellation resistor on the
noninverting input. If the resistance is set equal to the total
dc resistance looking out of the inverting terminal, the
output dc error, due to the input bias currents, is reduced
to (input offset current) multiplied by Rf in Figure 76, the dc
source impedance looking out of the inverting terminal is
249
Ω || (249 Ω + 27.7 Ω) = 130 Ω. To reduce the additional
high-frequency noise introduced by the resistor at the
noninverting input, and power-supply feedback, RT is
bypassed with a capacitor to ground.
SINGLE SUPPLY OPERATION
The THS4271 is designed to operate from a single 5-V to
15-V power supply. When operating from a single power
supply, care must be taken to ensure the input signal and
amplifier are biased appropriately to allow for the
maximum output voltage swing. The circuits shown in
Figure 77 demonstrate methods to configure an amplifier
in a manner conducive for single supply operation.
_
+
THS4271
49.9
Ω
50
Ω Source
VI
+VS
VO
Rf
249
Ω
Rg
249
Ω
+VS
2
+VS
2
_
+
THS4271
249
Ω
50
Ω Source
VI
VS
VO
Rf
249
Ω
+VS
2
+VS
2
61.9
Ω
Rg
499
Ω
RT
499
Ω
RT
Figure 77. DC-Coupled Single Supply Operation
Saving Power With Power-Down Functionality
and Setting Threshold Levels With the Reference
Pin
The THS4275 features a power-down pin (PD) which
lowers the quiescent current from 22 mA down to 700
µA,
ideal for reducing system power.
The power-down pin of the amplifiers defaults to the
positive supply voltage in the absence of an applied
voltage, putting the amplifier in the power-on mode of
operation. To turn off the amplifier in an effort to conserve
power, the power-down pin can be driven towards the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com