Electronic Components Datasheet Search
  English  ▼

X  

THS4271D Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271D
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271D Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4271D Datasheet HTML 20Page - Texas Instruments THS4271D Datasheet HTML 21Page - Texas Instruments THS4271D Datasheet HTML 22Page - Texas Instruments THS4271D Datasheet HTML 23Page - Texas Instruments THS4271D Datasheet HTML 24Page - Texas Instruments THS4271D Datasheet HTML 25Page - Texas Instruments THS4271D Datasheet HTML 26Page - Texas Instruments THS4271D Datasheet HTML 27Page - Texas Instruments THS4271D Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
24
NOISE ANALYSIS
High slew rate, unity gain stable, voltage-feedback
operational amplifiers usually achieve their slew rate at the
expense of a higher input noise voltage. The 3 nV/
√Hz
input voltage noise for the THS4271 and THS4275 is,
however, much lower than comparable amplifiers. The
input-referred voltage noise, and the two input-referred
current noise terms (3 pA/
√Hz), combine to give low output
noise under a wide variety of operating conditions.
Figure 87 shows the amplifier noise analysis model with all
the noise terms included. In this model, all noise terms are
taken to be noise voltage or current density terms in either
nV/
√Hz or pA/√Hz.
_
+
Rf
4kT = 1.6E−20J
at 290K
THS4271/THS4275
IBN
EO
ERF
RS
ERS
IBI
Rg
ENI
4kTRS
4kT
Rg
4kTRf
Figure 87. Noise Analysis Model
The total output shot noise voltage can be computed as the
square of all square output noise voltage contributors.
Equation 3 shows the general form for the output noise
voltage using the terms shown in Figure 87:
E
O +
E 2
NI
) I
BNRS
2
) 4kTR
S NG
2
) I
BIRf
2
) 4kTR
fNG
Dividing this expression by the noise gain (NG=(1+ Rf/Rg))
gives the equivalent input-referred spot noise voltage at
the noninverting input, as shown in Equation 4:
E
O +
E 2
NI
) I
BNRS
2 ) 4kTR
S )
I
BIRf
NG
2
)
4kTR
f
NG
Evaluation of these two equations for the circuit and
component values shown in Figure 75 will give a total
output spot noise voltage of 12.2 nV/
√Hz and a total
equivalent input spot noise voltage of 6.2 nV/
√Hz. This
includes the noise added by the resistors. This total
input-referred spot noise voltage is not much higher than
the 3 nV/
√Hz specification for the amplifier voltage noise
alone.
Driving Capacitive Loads
One of the most demanding, and yet very common, load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an A/D converter, including
additional
external
capacitance,
which
may
be
recommended to improve A/D linearity. A high-speed, high
open-loop gain amplifier like the THS4271 can be very
susceptible to decreased stability and closed-loop
response peaking when a capacitive load is placed directly
on the output pin. When the amplifier’s open-loop output
resistance is considered, this capacitive load introduces
an additional pole in the signal path that can decrease the
phase margin. When the primary considerations are
frequency response flatness, pulse response fidelity, or
distortion, the simplest and most effective solution is to
isolate the capacitive load from the feedback loop by
inserting a series isolation resistor between the amplifier
output and the capacitive load. This does not eliminate the
pole from the loop response, but rather shifts it and adds
a zero at a higher frequency. The additional zero acts to
cancel the phase lag from the capacitive load pole, thus
increasing the phase margin and improving stability.
The Typical Characteristics show the recommended
isolation resistor vs capacitive load and the resulting
frequency response at the load. Parasitic capacitive loads
greater than 2 pF can begin to degrade the performance
of the THS4271. Long PC board traces, unmatched
cables, and connections to multiple devices can easily
cause this value to be exceeded. Always consider this
effect carefully, and add the recommended series resistor
as close as possible to the THS4271 output pin (see Board
Layout Guidelines).
The criterion for setting this R(ISO) resistor is a maximum
bandwidth, flat frequency response at the load. For a gain
of +2, the frequency response at the output pin is already
slightly peaked without the capacitive load, requiring
relatively high values of R(ISO) to flatten the response at
the load. Increasing the noise gain also reduces the
peaking.
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com