Electronic Components Datasheet Search
  English  ▼

X  

SH Datasheet(PDF) 3 Page - Dubilier

Part # SH
Description  TANTALUM DIPPED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SH Datasheet(HTML) 3 Page - Dubilier

  SH Datasheet HTML 1Page - Dubilier SH Datasheet HTML 2Page - Dubilier SH Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
108
CHARACTERISTICS
CAPACITORS
TANTALUM DIPPED SH
DIMENSIONS (mm)
OUTLINE DRAWING
4
Code
Description
Dimensions/mm
Po
Feed hole pitch
12.7 ± 0.3
P
Hole centre to component centre
6.35 ± 0.4
S
Lead pitch
5.0 + 0.8/-0.2
(2.5 + 0.4/-0.1 option)
H
Height to seating plane
16.0 ± 0.5
Do
Feed hole diameter
4.0 ± 0.2
W
Tape width
18.0 + 1.0/-0.5
Capacitance typically changes with temperature
according to the curve
+20
+10
0
-10
-20
-80 -60 -40 -20
0 +20 +40 +60 +80 +100 +120
Operating Temperature
˚C
DC leakage current (DCL) increases with increasing
Typical Effect of Temperature
upon DC Leakage Current
temperature according to the typical curve
10.0
1.0
0.1
Operating Temperature –˚C
-60 -40 -20
0
+20 +40 +60 +80 +100 +125
Reference 1.0
at + 25 ˚C
Free
Air
Cool
0
1
2
3
4
5
6
25
50
75
100
125
150
175
200
225
250
Entrance to Solder Wave
Exit from Solder Wave
(Time in Wave – 2 to 4 Secs.)
Hot Air Debridging
Preheat Zone
Flux Zone
Entrance
to Solder
Machine
Time (Minutes)
80°C
to 120 °C
Solder Wave Peak
Temperature 260 °C
Exit from
In-Line Cleaner
(time in cleaner
may be less)
Immersion in
Cleaning
Vapor
Top Side
Nominal
150°C
Max.
Free
Air
Cool
Entrance to
In-Line Cleaner
Exit from
Solder
Machine
Bottom Side
Temperature
Range
Optimum Solder Wave Profile
www.dubilier.co.uk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com