Electronic Components Datasheet Search
  English  ▼

X  

SH Datasheet(PDF) 1 Page - Dubilier

Part # SH
Description  TANTALUM DIPPED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SH Datasheet(HTML) 1 Page - Dubilier

  SH Datasheet HTML 1Page - Dubilier SH Datasheet HTML 2Page - Dubilier SH Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
106
CAPACITORS
TANTALUM DIPPED SH
ORDERING INFORMATION
RANGE
SPECIFICATION
The ‘SH’ is a premium grade tantalum capacitor, exhibiting ultra-low leakage-
current and impedance in small case sizes.
Applications for this device include:-
High density logic boards
- where space is a premium
Instrumentation
- requiring high temperature stability
Timing circuits
- requiring low leakage current
Decoupling circuits
- requiring low impedance
Product is normally supplied loose on a 5mm pitch, but it is also
available with a 2.5mm pitch and also taped & reeled for auto-insertion.
All product is manufactured to comply with Dubilier’s stringent quality
standards involving quality checks at each stage of processing and
production.
Temperature
-55 to +85˚C (125˚C operation
possible with de-rating)
Life Time
2000 Hours @ +85°C
Tolerance
± 20% (10% available)
Leakage Current
<0.008CV or 0.05µA whichever
larger (>2 mins.)
V
6.3
10
16
25
35
50
µF
øxl/mm øxl/mm øxl/mm øxl/mm øxl/mm øxl/mm
0.1
4.5x7.0 4.5x7.0
0.15
4.5x7.0 4.5x7.0
0.22
4.5x7.0 4.5x7.0
0.33
4.5x7.0 4.5x7.0
0.47
4.5x7.0 4.5x7.0
0.68
4.5x7.0 4.5x7.0
1.0
4.5x7.0 4.5x7.0 5.0x8.5
1.5
4.5x7.0 4.5x7.0 4.5x7.0 5.0x9.0
2.2
4.5x7.0 4.5x7.0 4.5x7.0 4.5x7.5 5.5x8.5
3.3
4.5x7.0 4.5x7.0 4.5x7.0 4.5x7.5 5.0x8.5 6.0x10.0
4.7
4.5x7.0 4.5x7.0 4.5x7.5 5.0x8.5 5.5x8.5 6.5x10.0
6.8
4.5x7.0 4.5x7.5 5.0x8.5 5.0x9.0 6.0x8.5 7.0x10.5
10
4.5x7.5 5.0x8.5 5.0x9.0 5.5x9.0 6.0x10.0 8.0x13
15
5.0x8.5 5.0x9.0 5.5x8.5 6.0x10.0 7.0x10.5 8.5x14
22
5.0x9.0 5.5x8.5 6.0x10.0 7.0x10.5 8.0x12.5 9.0x14
33
5.5x8.5 6.0x9.0 6.0x10.0 8.0x12.0 9.0x14.0
47
6.0x10.0 6.5x10.0 8.0x12.0 9.0x14.0 9.0x15.0
68
6.5x10.0 7.0x10.5 9.0x12.0 9.0x16
100
7.0x10.5 8.0x12.5 9.0x16
150
8.0x12.5 9.0x14.5 9.0x16
220
9.0x14.0 10.0x17 10.0x18.5
330
10.0x17 10.0x18.5
All parts supplied with 5mm pitch as standard. 2.5mm pitch also available on
parts with 7mm diameter or less.
SH
10
16
TR
Range
Capacitance
µF
Voltage
V
Options:
TR = Tape/Reel
k = 10% Tol
2.5P : 2.5 pitch
Blank = 5mm pitch
www.dubilier.co.uk


Similar Description - SH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T368 KEMET-T368 Datasheet
102Kb / 2P
TANTALUM DIPPED/RADIAL
logo
DB Lectro Inc
CA42 DBLECTRO-CA42 Datasheet
157Kb / 5P
CA42 Dipped Tantalum Capacitors
logo
Kemet Corporation
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
TANTALUM DIPPED / RADIAL - POLAR
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
CAPACITORS TANTALUM DIPPED SH
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
TANTALUM CAPACITOR- DIPPED
logo
Dubilier
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
CAPACITORS TANTALUM DIPPED SH
logo
Kemet Corporation
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
TANTALUM DIPPED / RADIAL ??POLAR
T350B105K050AT KEMET-T350B105K050AT Datasheet
382Kb / 13P
TANTALUM DIPPED / RADIAL ??POLAR
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
TANTALUM DIPPED/RADIAL-POLAR
logo
Suntan Capacitors
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com