Electronic Components Datasheet Search
  English  ▼

X  

DAC7664 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7664
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7664 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 6Page - Texas Instruments DAC7664 Datasheet HTML 7Page - Texas Instruments DAC7664 Datasheet HTML 8Page - Texas Instruments DAC7664 Datasheet HTML 9Page - Texas Instruments DAC7664 Datasheet HTML 10Page - Texas Instruments DAC7664 Datasheet HTML 11Page - Texas Instruments DAC7664 Datasheet HTML 12Page - Texas Instruments DAC7664 Datasheet HTML 13Page - Texas Instruments DAC7664 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
10
TYPICAL CHARACTERISTICS: VSS = 0V
All specifications at TA = 25°C, IOVDD = VDD = VCC = +5V, VSS = 0V, representative unit, unless otherwise noted.
Figure 13
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−40
−15
10
35
60
85
Temperature (
_C)
SUPPLY CURRENT vs TEMPERATURE
All DACs at Midscale
No Load
I
CC
Figure 14
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Digital Input Code
0000h
2000h 4000h
6000h
8000h
A000h C000h
E000h FFFFh
SUPPLY CURRENT vs DIGITAL INPUT CODE
All DACs
No Load
I
CC
Figure 15
10
8
6
4
2
0
−2
−4
−6
−8
−10
−40
−15
10
35
60
85
Temperature (
_C)
ZERO−SCALE ERROR vs TEMPERATURE
DAC A
DAC C
DAC B
DAC D
(Code 0000h)
Figure 16
10
8
6
4
2
0
−2
−4
−6
−8
−10
−40
−15
10
35
60
85
Temperature (
_C)
POSITIVE FULL−SCALE ERROR vs TEMPERATURE
DAC C
DAC B
DAC D
DAC A
(Code FFFFh)
Time (10ms/div)
BROADBAND NOISE
(Code = 8000h, BW = 10kHz)
Figure 17
Figure 18
1000
100
10
10
100
1k
10k
100k
1M
Frequency (Hz)
OUTPUT NOISE VOLTAGE vs FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com