Electronic Components Datasheet Search
  English  ▼

X  

DAC7664 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7664
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7664 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 19Page - Texas Instruments DAC7664 Datasheet HTML 20Page - Texas Instruments DAC7664 Datasheet HTML 21Page - Texas Instruments DAC7664 Datasheet HTML 22Page - Texas Instruments DAC7664 Datasheet HTML 23Page - Texas Instruments DAC7664 Datasheet HTML 24Page - Texas Instruments DAC7664 Datasheet HTML 25Page - Texas Instruments DAC7664 Datasheet HTML 26Page - Texas Instruments DAC7664 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
23
3V TO 5V LOGIC INTERFACE
All of the digital input and output pins are compatible with
any logic supply voltage between 3V and 5V. Connect the
interface logic supply voltage to the IOVDD pin. Note that
the internal digital logic operates from 5V, so the VDD pin
must connect to a 5V supply.
GLITCH SUPPRESSION CIRCUIT
Figure 21, Figure 22, Figure 48, and Figure 49 show the
typical DAC output when switching between codes 7FFFh
and 8000h. For R-2R ladder DACs, this is potentially the
worst-case glitch condition, since every switch in the DAC
changes state. To minimize the glitch energy at this and
other code pairs with possible high-glitch outputs, an
internal track-and-hold circuit is used to maintain the DAC
ouput voltage at a nearly constant level during the internal
switching interval. This track-and-hold circuit is activated
only when the transition is at, or close to, one of the code
pairs with the high-glitch possibility.
It is advisable to avoid digital transitions within 1
µs of the
rising edge of the LDAC signal. These signals can affect
the
charge
on
the
track-and-hold
capacitor, thus
increasing the glitch energy.
DIGITAL TIMING
Figure 57 and Table 2 provide detailed timing information
for the digital interface of the DAC7664.
DIGITAL INPUT CODING
The DAC7664 input data is in straight binary format. The
output voltage for single-supply operation is given by
Equation 1:
V
OUT
+ 2.5
N
65, 536
where N is the digital input code.
This equation does not include the effects of offset
(zero-scale) or gain (full-scale) errors.
The output for the dual supply operation is given by
Equation 2:
V
OUT
+ 5
N
65, 536
* 2.5
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com