Electronic Components Datasheet Search
  English  ▼

X  

UCD7230 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7230 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD7230 Datasheet HTML 4Page - Texas Instruments UCD7230 Datasheet HTML 5Page - Texas Instruments UCD7230 Datasheet HTML 6Page - Texas Instruments UCD7230 Datasheet HTML 7Page - Texas Instruments UCD7230 Datasheet HTML 8Page - Texas Instruments UCD7230 Datasheet HTML 9Page - Texas Instruments UCD7230 Datasheet HTML 10Page - Texas Instruments UCD7230 Datasheet HTML 11Page - Texas Instruments UCD7230 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
UCD7230
SLUS741D – NOVEMBER 2006 – REVISED JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = PVDD = 12 V, 4.7-mF from VDD to AGND, 1 mF from PVDD to PGND, 0.1 mF from CSBIAS to AGND, 0.22 mF from BST to
SW, TA = TJ = -40°C to +125°C, RCS+ = 5 kΩ, RDLY = 50 kΩ over operating free-air temperature range (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW-SIDE OUTPUT DRIVER (OUT2)
Source current(3)
VDD = 12 V, IN = high, OUT2 = 5 V
2.2
Sink current (3)
VDD = 12 V, IN = low, OUT2 = 5 V
3.5
A
Source current(3)
VDD = 4.75 V, IN = high, OUT2 = 0
1.6
VDD = 4.75 V, IN = low, OUT2 =
Sink current (3)
2
4.75 V
Rise time(3)
CLOAD = 2.2 nF, VDD = 12 V
15
ns
Fall time(3)
CLOAD = 2.2 nF, VDD = 12 V
15
Output with VDD <UVLO
VDD = 1.0 V, Isink = 10 mA
0.8
1.2
V
Propagation delay from IN to
CLOAD = 2.2 nF, IN rising, SW = 2.5
30
ns
OUT2(3)
V, BST = PVDD = VDD = 12 V
HIGH-SIDE OUTPUT DRIVER (OUT1)
VDD = 12 V, BST = 12 V IN = High,
Source current(3)
1.7
OUT1 = 5 V
VDD = 12 V, BST = 12 V IN = Low,
Sink current (3)
3.5
OUT1 = 5 V
A
VDD = 4.75 V = BST = 4.75 V, IN =
Source current (3)
1
High, OUT1 = 0
VDD = 4.75 V, BST = 4.75 V, IN =
Sink current (3)
2.4
Low, OUT1 = 4.75 V
CLOAD = 2.2 nF OUT1 to SW, VDD =
Rise time(3)
20
12 V
CLOAD = 2.2 nF OUT1 to SW, VDD =
Fall time (3)
15
ns
12 V
Propagation delay from IN to
CLOAD = 2.2 nF, IN falling, SW = 2.5
30
OUT1(3)
V, BST = PVDD = VDD = 12 V
(3)
As designed and characterized. Not 100% tested in production.
8
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): UCD7230
Obsolete Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com