Electronic Components Datasheet Search
  English  ▼

X  

UCD7230 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7230 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD7230 Datasheet HTML 9Page - Texas Instruments UCD7230 Datasheet HTML 10Page - Texas Instruments UCD7230 Datasheet HTML 11Page - Texas Instruments UCD7230 Datasheet HTML 12Page - Texas Instruments UCD7230 Datasheet HTML 13Page - Texas Instruments UCD7230 Datasheet HTML 14Page - Texas Instruments UCD7230 Datasheet HTML 15Page - Texas Instruments UCD7230 Datasheet HTML 16Page - Texas Instruments UCD7230 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
48
1
8 33
POS
A
R
.
k
=
æ
ö
+ ç
÷
W
è
ø
0
500
1500
2000
R
POS - W
49
1000
Current Sense AMP Gain
vs
RPOS
Normal Gain
Minimum Gain Corner
(minimum sheet and hot
temperature)
Maximum Gain Corner
(minimum sheet and Cold
temperature)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
UCD7230
www.ti.com
SLUS741D – NOVEMBER 2006 – REVISED JANUARY 2010
With the addition of RPOS and RNEG, the natural gain, A, of the current sense is predictably decreased as:
(3)
For RPOS << 8.33 kΩ, the gain is 48. While the 400 kΩ and 8.33 kΩ are well matched, it is important to keep
RPOS as small as possible since they have absolute variation from chip-to-chip and over temperature. The graph
in Figure 6 shows the band of expected gain for A as a function of RPOS. The gain variation at RPOS = 1 kΩ
results in around ±4% error. However, the tolerance of the value of R in the inductor has a more significant effect
on measurement accuracy as does the temperature coefficient of R. Copper has a temperature coefficient of
approximately 3800 ppm/°C. For a 100°C rise in winding temperature, the dc resistance of the inductor increases
by 38%. The worst case scenario would be a cracked core or under-designed inductor in which cases the core
could tend towards saturation. In that scenario, inductor current could change slope drastically and is not
correctly modeled by the capacitor voltage.
Note that inferring inductor current by use of a parallel RC has an additional caveat. As long as TRC = RPOS C is
the same as TLR = L/R, then the voltage across C is the same as the IR drop across the equivalent R of the
inductor. If the time constants don't match, the average voltage across C is still the same as the average voltage
across R, but the indication of ripple current amplitude will be off. Furthermore, load transients results in reported
current that appears to have overshoot or undershoot if TRC is respectively faster or slower than TLR.
While the amp faithfully passes the sensed dc current signal, it should be noted that the amplifier is bandwidth
limited for normal switching frequencies. Therefore, AO represents a moving average of the sensed current.
Figure 6. Current Sense Amp Gain as a Function of RPOS
Copyright © 2006–2010, Texas Instruments Incorporated
13
Product Folder Link(s): UCD7230
Obsolete Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com