Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # D882
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

D882 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  D882 Datasheet HTML 1Page - Diode Semiconductor Korea D882 Datasheet HTML 2Page - Diode Semiconductor Korea D882 Datasheet HTML 3Page - Diode Semiconductor Korea D882 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Silicon Epitaxial Planar Transistor
D882
FEATURES
Low saturation voltage.
Excellent hFE linearity and high hFE.
Less cramping space required due to small and thin
Package and reducing the trouble for attachment to a
radiator.
APPLICATIONS
Power amplifier application.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
D882
D882
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
3
A
PC
Collector Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
℃
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D882 ETC-D882 Datasheet
1Mb / 1P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com