Electronic Components Datasheet Search
  English  ▼

X  

1SS355 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # 1SS355
Description  SILICON EPITAXIAL HIGH SPEED SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1SS355 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  1SS355 Datasheet HTML 1Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 2Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 3Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 4Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1SS355
SILICON EPITAXIAL
HIGH SPEED SWITCHING DIODE
Publication Order Number: [1SS355]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Smal plastic package suitable for surface mounted
design
• High Speed (Trr = 1.2 ns Typ.)
• High reliability with high surge current handling
capability
• RoHS compliant package
Applications
• High speed switching
Description
• Silicon planar zener diode in a small plastic SMD
SOD-323 package
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless
otherwise specified.)
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRRM
90
V
Maximum DC Reverse Voltage
VRM
80
V
Maximum Average Forward Current
IF
100
mA
Maximum Peak Forward Voltage
IFM
255
mA
Maximum Surge Current (1s)
IFSM
500
mA
Maximum Junction Temperature
TJ
125
°C
Storage temperature range
TS
-55 to +175
°C


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB123 RENESAS-HSB123 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB2836 RENESAS-HSB2836 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
1SS84 HITACHI-1SS84 Datasheet
21Kb / 3P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Guangdong Kexin Industr...
1SS303 KEXIN-1SS303 Datasheet
45Kb / 1P
HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
1SS304 KEXIN-1SS304 Datasheet
45Kb / 1P
HIGH SPEED SWITCHING SILICON EPITAXIAL DOUBLE DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com