Electronic Components Datasheet Search
  English  ▼

X  

1SS355 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 1SS355
Description  SILICON EPITAXIAL HIGH SPEED SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1SS355 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  1SS355 Datasheet HTML 1Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 2Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 3Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 4Page - Bruckewell Technology LTD 1SS355 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1SS355
SILICON EPITAXIAL
HIGH SPEED SWITCHING DIODE
Publication Order Number: [1SS355]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
IF = 100 mA
VF
--
--
1.2
V
Reverse Current
VR = 80 V
IR
--
--
0.1
μA
Capacitance between terminals
f = 1MHz ; VR = 0.5
CT
--
--
3.0
pF
Reverse Recovery Time
IF = 10 mA , VR = 6 V
RL = 100 Ω
Trr
--
--
4.0
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com