Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6441 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6441 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 35Page - Texas Instruments TMS320DM6441 Datasheet HTML 36Page - Texas Instruments TMS320DM6441 Datasheet HTML 37Page - Texas Instruments TMS320DM6441 Datasheet HTML 38Page - Texas Instruments TMS320DM6441 Datasheet HTML 39Page - Texas Instruments TMS320DM6441 Datasheet HTML 40Page - Texas Instruments TMS320DM6441 Datasheet HTML 41Page - Texas Instruments TMS320DM6441 Datasheet HTML 42Page - Texas Instruments TMS320DM6441 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-14. EMAC and MDIO Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
EMAC
GPIOV33_0/
This pin is multiplexed between GPIO and Ethernet MAC.
B13
I/O/Z
DVDD33
TXEN
In Ethernet MAC mode, it is transmit enable output TXEN.
GPIOV33_1/
This pin is multiplexed between GPIO and Ethernet MAC.
A13
I/O/Z
DVDD33
TXCLK
In Ethernet MAC mode, it is transmit clock output TXCLK.
GPIOV33_2/
This pin is multiplexed between GPIO and Ethernet MAC.
A12
I/O/Z
DVDD33
COL
In Ethernet MAC mode, it is collision detect input COL.
GPIOV33_6/
This pin is multiplexed between GPIO and Ethernet MAC.
C12
I/O/Z
DVDD33
TXD3
In Ethernet MAC mode, it is transmit data 3 output TXD3.
GPIOV33_5/
This pin is multiplexed between GPIO and Ethernet MAC.
A11
I/O/Z
DVDD33
TXD2
In Ethernet MAC mode, it is transmit data 2 output TXD2.
GPIOV33_4/
This pin is multiplexed between GPIO and Ethernet MAC.
D12
I/O/Z
DVDD33
TXD1
In Ethernet MAC mode, it is transmit data 1 output TXD1.
GPIOV33_3/
This pin is multiplexed between GPIO and Ethernet MAC.
B12
I/O/Z
DVDD33
TXD0
In Ethernet MAC mode, it is transmit data 0 output TXD0.
GPIOV33_11/
This pin is multiplexed between GPIO and Ethernet MAC.
A10
I/O/Z
DVDD33
RXCLK
In Ethernet MAC mode, it is receive clock input RXCLK.
GPIOV33_12/
This pin is multiplexed between GPIO and Ethernet MAC.
D11
I/O/Z
DVDD33
RXDV
In Ethernet MAC mode, it is receive data valid input RXDV.
GPIOV33_13/
This pin is multiplexed between GPIO and Ethernet MAC.
D10
I/O/Z
DVDD33
RXER
In Ethernet MAC mode, it is receive error input RXER.
GPIOV33_14/
This pin is multiplexed between GPIO and Ethernet MAC.
C10
I/O/Z
DVDD33
CRS
In Ethernet MAC mode, it is carrier sense input CRS.
GPIOV33_10/
This pin is multiplexed between GPIO and Ethernet MAC.
E11
I/O/Z
DVDD33
RXD3
In Ethernet MAC mode, it is receive data 3 input RXD3.
GPIOV33_9/
This pin is multiplexed between GPIO and Ethernet MAC.
B11
I/O/Z
DVDD33
RXD2
In Ethernet MAC mode, it is receive data 2 input RXD2.
GPIOV33_8/
This pin is multiplexed between GPIO and Ethernet MAC.
C11
I/O/Z
DVDD33
RXD1
In Ethernet MAC mode, it is receive data 1 input RXD1.
GPIOV33_7/
This pin is multiplexed between GPIO and Ethernet MAC.
E12
I/O/Z
DVDD33
RXD0
In Ethernet MAC mode, it is receive data 0 input RXD0.
MDIO
GPIOV33_16/
This pin is multiplexed between GPIO and Ethernet MAC.
B10
I/O/Z
DVDD33
MDCLK
In Ethernet MAC mode, it is management data clock output MDCLK.
GPIOV33_15/
This pin is multiplexed between GPIO and Ethernet MAC.
E10
I/O/Z
DVDD33
MDIO
In Ethernet MAC mode, it is management data IO MDIO.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com