Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6441 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6441 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 3Page - Texas Instruments TMS320DM6441 Datasheet HTML 4Page - Texas Instruments TMS320DM6441 Datasheet HTML 5Page - Texas Instruments TMS320DM6441 Datasheet HTML 6Page - Texas Instruments TMS320DM6441 Datasheet HTML 7Page - Texas Instruments TMS320DM6441 Datasheet HTML 8Page - Texas Instruments TMS320DM6441 Datasheet HTML 9Page - Texas Instruments TMS320DM6441 Datasheet HTML 10Page - Texas Instruments TMS320DM6441 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS359D device-specific
data manual to make it an SPRS359E revision.
Scope: Added information/data on silicon revision 2.3.
Applicable updates to the DM644x device family, specifically relating to the TMS320DM6441 device, have
been incorporated.
TMS320DM6441 Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
•
Added information/data on silicon revision 2.3
•
Updated/changed all applicable EDMA instances to "EDMA3" [Cleared Documentation Feedback
Issue]
•
Updated the document to reflect the following:
–
"ARM can boot from internal ROM SPI"
Section 1.1
•
Added "Video Imaging Co-Processor (VICP)" bullet
Features
Section 1.3
Figure 1-1, TMS320DM6441 Functional Block Diagram:
Functional Block
•
Updated/changed the ARM Subsystem Block to "8 KB ROM" [Cleared Documentation Feedback
Diagram
Issue]
Section 2.1
Table 2-1, Characteristics of the Processor:
Device Characteristics
•
Added "VICP" row
•
Updated/changed "C64x+ Megamodule Revision" for silicon revision 2.3
•
Updated/changed "JTAG BSDL_ID" for silicon revision 2.3
•
Added "ball finish SnAgCu" to the BGA Package HARDWARE FEATURES row [Cleared
Documentation Feedback Issue]
Section 2.3.14
•
Added "DM6441 gives the programmer full flexibility to use ..." paragraph
Power Management
Section 2.7
Table 2-28, Reserved Terminal Functions:
Terminal Functions
•
Added the RSV24, M3 row
•
Updated/changed the description for the RSV1–4, RSV6, and RSV7 signals
Section 2.8.2
Figure 2-6, Device Nomenclature:
Device and
•
Added "B = Silicon 2.3" under SILICON REVISION
Development-Support
Tool Nomenclature
Section 2.8.3.1
•
Updated/changed list of reference documents
Related Documentation
From Texas
Instruments
Section 3.3.1.1
•
Updated/changed the location of the BOOTCFG register from "0x01C4 000A" to "0x01C4 0014"
BOOTCFG Register
[Cleared Documentation Feedback Issue]
Description
Section 3.3.2
•
"The DM6441 ARM can boot from EMIFA ..." paragraph:
ARM Boot
–
Updated/changed "The DM6441 ARM can boot from EMIFA, internal ROM (NAND) or UART0 as
determined by ..." to "The DM6441 ARM can boot from EMIFA, internal ROM (NAND, SPI),
UART0, or HPI, as determined by ..."
•
Updated/changed this section to reflect "ARM can boot from internal ROM SPI"
Section 3.3.3.1
•
Added "In host boot mode, the ARM is the master and controls the reset and boot of the C64x+ ..."
Host-Boot Mode
paragraph
Copyright © 2006–2010, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com