Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6421 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6421 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 81Page - Texas Instruments TMS320C6421 Datasheet HTML 82Page - Texas Instruments TMS320C6421 Datasheet HTML 83Page - Texas Instruments TMS320C6421 Datasheet HTML 84Page - Texas Instruments TMS320C6421 Datasheet HTML 85Page - Texas Instruments TMS320C6421 Datasheet HTML 86Page - Texas Instruments TMS320C6421 Datasheet HTML 87Page - Texas Instruments TMS320C6421 Datasheet HTML 88Page - Texas Instruments TMS320C6421 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 222 page
background image
TMS320C6421
Fixed-Point Digital Signal Processor
www.ti.com
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
Table 3-18. PINMUX1 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
PWM1 Block Pin Select.
Selects the function of the multiplexed pins in the PWM1 Block.
0 = GPIO Mode (default).
PWM1 Block:
12
PWM1BK
Pin functions as GPIO (GP[4]).
GP[4]/PWM1
1 = PWM1 Mode.
Pin functions as PWM1.
UART0 Flow Control Block Pin Select.
Selects the function of the multiplexed pins in the UART0 Flow Control Block.
00 = GPIO Mode (default).
Pins function as GPIO (GP[88:87]).
UART0 Flow Control Block:
11:10
UR0FCBK
01 = UART0 Flow Control Mode.
UCTS0/GP[87]
Pins function as UART0 Flow Control UCTS0 and URTS0.
URTS0/PWM0/GP[88]
10 = PWM0 + GPIO Mode.
Pins function as PWM0 and GPIO (GP[87]).
11 = Reserved
Reserved. For proper device operation, the user should only write "0" to this bit
9
RSV
–
(default).
UART0 Data Block Pin Select.
Selects the function of the multiplexed pins in the UART0 Data Block.
UART0 Data Block:
0 = GPIO Mode (default).
8
UR0DBK
URXD0/GP[85]
Pins function as GPIO (GP[86:85]).
UTXD0/GP[86]
1 = UART0 Data Mode.
Pins function as UART0 data URXD0 and UTXD0.
Reserved. For proper device operation, the user should only write "0" to this bit
7
RSV
–
(default).
Host Block:
VLYNQ_CLOCK/GP[57]
HD0/VLYNQ_SCRUN/GP[58]
Host Block Pin Select.
HD1/VLYNQ_RXD0/GP[59]
If EMAC opertaion is desired, EMAC must be placed in reset before
HD2/VLYNQ_RXD1/GP[60]
programminng PINMUX1. HOSTBK or PINMUX0.RMII to select EMAC pins.
HD3/VLYNQ_RXD2/GP[61]
HOSTBK = 000: GPIO Mode
HD4/VLYNQ_RXD3/GP[62]
Pins function as GPIO (GP[83:57]).
HD5/VLYNQ_TXD0/GP[63]
HD6/VLYNQ_TXD1/GP[64]
HOSTBK = 001: HPI + 1 GPIO Mode.
HD7/VLYNQ_TXD2/GP[65]
Pins function as HPI and GPIO (GP[57]).
HD8/VLYNQ_TXD3/GP[66]
HD9/MCOL/GP[67]
HOSTBK = 010: VLYNQ + 17 GPIO Mode.
HD10/MCRS/GP[68]
Pins function as VLYNQ (VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
HD11/MTXD3/GP[69]
VLYNQ_TXD[3:0]), and GP[83:67].
HD12/MTXD2/GP[70]
6:4
HOSTBK
HD13/MTXD1/GP[71]
HOSTBK = 011: VLYNQ + MII + MDIO Mode.
HD14/MTXD0/GP[72]
Pins function as VLYNQ (VLYNQ_CLOCK, VLYNQ_SCRUN, VLYNQ_RXD[3:0],
HD15/MTXCLK/GP[73]
VLYNQ_TXD[3:0]), MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
HHWIL/MRXDV/GP[74]
RXCLK, RXD[3:0]), and MDIO (MDIO, MDC).
HCNTL1/MTXEN/GP[75]
When EMAC(MII) is selected, EMAC(RMII) must not be selected.
HCNTL0/MRXER/GP[76]
PINMUX0.RMII must be set to 0.
HR/W/MRXCLK/GP[77]
HOSTBK = 100: MII + MDIO +10 GPIO Mode.
HDS2/MRXD0/GP[78]
Pins function as MII (TXCLK, CRS, COL, TXD[3:0], RXVD, TXEN, RXER,
HDS1/MRXD1/GP[79]
RXCLK, RXD[3:0]), MDIO (MDIO, MDC), and GP[66:57].
HRDY/MRXD2/GP[80]
When EMAC(MII) is selected, EMAC(RMII) must not be selected.
HCS/MDCLK/GP[81]
PINMUX0.RMII must be set to 0.
HINT/MRXD3/GP[82]
HAS/MDIO/GP[83]
All other HOSTBK combinations reserved.
The HOSTBK field selects the function of these
27 pins.
Reserved. For proper device operation, the user should only write "0" to this bit
3:1
RESERVED
–
(default).
0
RSV
Reserved. Writes have no effect.
–
Submit Documentation Feedback
Device Configurations
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com