Electronic Components Datasheet Search
  English  ▼

X  

TDA8929T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8929T
Description  Controller class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8929T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8929T Datasheet HTML 4Page - NXP Semiconductors TDA8929T Datasheet HTML 5Page - NXP Semiconductors TDA8929T Datasheet HTML 6Page - NXP Semiconductors TDA8929T Datasheet HTML 7Page - NXP Semiconductors TDA8929T Datasheet HTML 8Page - NXP Semiconductors TDA8929T Datasheet HTML 9Page - NXP Semiconductors TDA8929T Datasheet HTML 10Page - NXP Semiconductors TDA8929T Datasheet HTML 11Page - NXP Semiconductors TDA8929T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
1
4
IN1
−
PWM1
5
IN1
+
IN2
+
IN2
−
Vi(2)
Vi(1)
mute
mute
SGND
SGND
SGND1
SGND2
3
20
REL1
23
SW1
24
EN1
STAB
DIAGCUR
DIAGTMP
SW2
REL2
PWM2
21
22
19
15
13
EN2
REL1
SW1
EN1
SW2
REL2
EN2
16
14
17
6
11
8
9
7
2
Rfb
Rfb
INPUT
STAGE
INPUT
STAGE
TDA8929T
PWM
MODULATOR
PWM
MODULATOR
MODE
STABI
OSCILLATOR
MANAGER
VSSA VDDA
VSS1 VDD1
12
10
VSSA VDDA
VSS2(sub)
VSSD
VDD2
VMODE
VSSA
MODE
OSC
ROSC
18
MGU387
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
TDA8926J
DRIVER
LOW
2
7
+25 V
−25 V
VSS1
VSS1
VSSA
VSS2
VSSD
VDDD
VDD2
VDDA
6
1
4
810
VDD2 VDD1
13
5
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
DRIVER
LOW
14
11
12
17
16
BOOT1
OUT1
OUT2
BOOT2
SGND
(0 V)
STAB
POWERUP
DIAG
TEMPERATURE SENSOR
AND
CURRENT PROTECTION
9
3
15
Fig.4 Typical application schematic of the class-D system using TDA8929T and the TDA8926J.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com