Electronic Components Datasheet Search
  English  ▼

X  

TDA8929T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8929T
Description  Controller class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8929T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8929T Datasheet HTML 9Page - NXP Semiconductors TDA8929T Datasheet HTML 10Page - NXP Semiconductors TDA8929T Datasheet HTML 11Page - NXP Semiconductors TDA8929T Datasheet HTML 12Page - NXP Semiconductors TDA8929T Datasheet HTML 13Page - NXP Semiconductors TDA8929T Datasheet HTML 14Page - NXP Semiconductors TDA8929T Datasheet HTML 15Page - NXP Semiconductors TDA8929T Datasheet HTML 16Page - NXP Semiconductors TDA8929T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2001 Dec 11
13
Philips Semiconductors
Preliminary specification
Controller class-D audio amplifier
TDA8929T
Notes
1. The circuit is DC adjusted at VP = ±15 to ±30 V.
2. Referenced to SGND (0 V).
3. Referenced to VSS.
13 AC CHARACTERISTICS
Rpu(int)
internal pull-up resistance to
internal digital supply
−
12
−
k
Ω
Switch outputs (pins SW1 and SW2)
VOH
HIGH-level output voltage
note 3
VSTAB − 1.6
VSTAB − 0.7
−
V
VOL
LOW-level output voltage
note 3
0
−
0.8
V
Control inputs (pins REL1 and REL2)
VIH
HIGH-level input voltage
note 3
10
−
VSTAB
V
VIL
LOW-level input voltage
note 3
0
−
2V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Stereo single-ended application; note 1
THD
total harmonic distortion
Po = 1 W; note 2
fi = 1 kHz
−
0.01
0.05
%
fi = 10 kHz
−
0.1
−
%
Gv(cl)
closed-loop voltage gain
29
30
31
dB
SVRR
supply voltage ripple rejection
on; fi = 100 Hz; note 3
−
55
−
dB
on; fi = 1 kHz; note 3
40
50
−
dB
mute; fi = 100 Hz; note 3
−
55
−
dB
standby; fi = 100 Hz; note 3
−
80
−
dB
Zi
input impedance
45
68
−
k
Ω
Vn(o)
noise output voltage
on; Rs =0 Ω; B = 22 Hz to 22 kHz
−
220
400
µV
on; Rs =10kΩ; B = 22 Hz to 22 kHz
−
230
−µV
mute; note 4
−
220
−µV
αcs
channel separation
Po = 10 W; Rs =0 Ω−
70
−
dB
∆G
v
channel unbalance
−−
1dB
Vo
output signal
mute; Vi =Vi(max) = 1 V (RMS)
−−
400
µV
CMRR
common mode rejection ratio
Vi = 1 V (RMS)
−
75
−
dB
Mono BTL application; note 5
THD
total harmonic distortion
Po = 1 W; note 2
fi = 1 kHz
−
0.01
0.05
%
fi = 10 kHz
−
0.1
−
%
Gv(cl)
closed-loop voltage gain
35
36
37
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com