Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV271
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV271 Datasheet HTML 7Page - Texas Instruments TLV271 Datasheet HTML 8Page - Texas Instruments TLV271 Datasheet HTML 9Page - Texas Instruments TLV271 Datasheet HTML 10Page - Texas Instruments TLV271 Datasheet HTML 11Page - Texas Instruments TLV271 Datasheet HTML 12Page - Texas Instruments TLV271 Datasheet HTML 13Page - Texas Instruments TLV271 Datasheet HTML 14Page - Texas Instruments TLV271 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
11
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 17
0
10
20
30
40
50
60
70
80
90
100
10
100
1 k
10 k
100 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
VDD = 2.7, 5, 10 V
TA = 25°C
Figure 18
0
1
2
3
4
02
4
6
8
10 12 14 16 18
0
1
2
3
VI
t − Time −
µs
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 3 VPP
TA = 25°C
VO
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
Figure 19
0
2
4
6
8
0
2
468
10 12 14 16 18
6
4
2
0
VI
t − Time −
µs
VDD = 10 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 6 VPP
TA = 25°C
VO
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
Figure 20
0.00
0.04
0.08
0.12
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.00
0.04
0.08
0.12
VI
t − Time −
µs
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 100 mVPP
TA = 25°C
VO
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
Figure 21
24
6
8
10
12
14
16
VI
t − Time −
µs
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = 3 VPP
TA = 25°C
VO
4
3
2
1
0
0
1
2
3
INVERTING LARGE-SIGNAL RESPONSE
2
0
Figure 22
0
2
4
6
8
02
46
8
10
12
14
16
6
4
2
0
t − Time −
µs
INVERTING LARGE-SIGNAL RESPONSE
VDD = 10 V
AV = VI = −1
RL = 2 kΩ
CL = 10 pF
TA = 25°C
VO
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com