Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV271
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV271 Datasheet HTML 8Page - Texas Instruments TLV271 Datasheet HTML 9Page - Texas Instruments TLV271 Datasheet HTML 10Page - Texas Instruments TLV271 Datasheet HTML 11Page - Texas Instruments TLV271 Datasheet HTML 12Page - Texas Instruments TLV271 Datasheet HTML 13Page - Texas Instruments TLV271 Datasheet HTML 14Page - Texas Instruments TLV271 Datasheet HTML 15Page - Texas Instruments TLV271 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
12
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 23
0.00
0.05
0.10
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0.00
0.05
0.10
INVERTING SMALL-SIGNAL RESPONSE
VDD = 5 V
AV = VI = −1
RL = 2 kΩ
CL = 10 pF
VI = 100 mVpp
TA = 25°C
VO
VI
t − Time −
µs
Figure 24
−140
−120
−100
−80
−60
−40
−20
0
10
100
1 k
10 k
100 k
CROSSTALK
vs
FREQUENCY
f − Frequency − Hz
VDD = 2.7, 5, & 15 V
VI = 1 VDD/2
AV = 1
RL = 2 kΩ
TA = 25°C
Crosstalk
APPLICATION INFORMATION
driving a capacitive load
When the amplifier is configured in this manner, capacitive loading directly on the output decreases the device’s
phase margin leading to high frequency ringing or oscillations. Therefore, for capacitive loads of greater than
10 pF, it is recommended that a resistor be placed in series (RNULL) with the output of the amplifier, as shown
in Figure 25. A minimum value of 20
Ω should work well for most applications.
CLOAD
RF
Input
Output
RG
RNULL
+
−
VDD/2
Figure 25. Driving a Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com