Electronic Components Datasheet Search
  English  ▼

X  

REF5025-HT Datasheet(PDF) 2 Page - Texas Instruments

Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 2 Page - Texas Instruments

  REF5025-HT_14 Datasheet HTML 1Page - Texas Instruments REF5025-HT_14 Datasheet HTML 2Page - Texas Instruments REF5025-HT_14 Datasheet HTML 3Page - Texas Instruments REF5025-HT_14 Datasheet HTML 4Page - Texas Instruments REF5025-HT_14 Datasheet HTML 5Page - Texas Instruments REF5025-HT_14 Datasheet HTML 6Page - Texas Instruments REF5025-HT_14 Datasheet HTML 7Page - Texas Instruments REF5025-HT_14 Datasheet HTML 8Page - Texas Instruments REF5025-HT_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
0.0
0.0
1
2
3
4
5
6
7
9
8
10
11
12
½
½
2040 m
m
38 m
m
|
38 m
m
REF5025-HT
SBOS502E – SEPTEMBER 2009 – REVISED NOVEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
15 mils.
Silicon with backgrind
GND
Al-Cu (0.5%)
598 nm
Table 1. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X min
Y min
X max
Y max
NC
1
35.45
46.55
111.45
122.55
NC
2
496.75
56.55
572.75
132.55
VIN
3
607.45
56.55
683.45
132.55
NC
4
937.9
39.4
1013.9
115.4
TEMP
5
1660.1
47.2
1736.1
123.2
GND
6
1770.9
38.85
1847.05
115
GND
7
1877.1
59.6
2016.8
135.6
TRIM/NR
8
1904.65
1553.4
1980.65
1629.4
NC
9
1782.15
1553.4
1858.15
1629.4
VOUT
10
1080.2
1559.85
1219.9
1636
VOUT
11
880.25
1543.55
956.25
1619.55
NC
12
35.45
1553.45
111.45
1629.45
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
REF5025SKGD1
KGD (bare die)
NA
REF5025SKGD2
–55°C to 210°C
HKJ
REF5025SHKJ
REF5025SHKJ
HKQ
REF5025SHKQ
REF5025SHKQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com