Electronic Components Datasheet Search
  English  ▼

X  

REF5025-HT Datasheet(PDF) 1 Page - Texas Instruments

Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 1 Page - Texas Instruments

  REF5025-HT_14 Datasheet HTML 1Page - Texas Instruments REF5025-HT_14 Datasheet HTML 2Page - Texas Instruments REF5025-HT_14 Datasheet HTML 3Page - Texas Instruments REF5025-HT_14 Datasheet HTML 4Page - Texas Instruments REF5025-HT_14 Datasheet HTML 5Page - Texas Instruments REF5025-HT_14 Datasheet HTML 6Page - Texas Instruments REF5025-HT_14 Datasheet HTML 7Page - Texas Instruments REF5025-HT_14 Datasheet HTML 8Page - Texas Instruments REF5025-HT_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HKQ PACKAGE
(TOP VIEW)
8
5
4
1
TRIM/NR
V
OUT
NC
DNC
DNC
V
IN
TEMP
GND
HKQ as formed or HKJ mounted dead bug
1
2
3
4
8
7
6
5
HKJ PACKAGE
(TOP VIEW)
DNC
V
IN
TEMP
GND
TRIM/NR
V
OUT
NC
DNC
DNC = Do not connect
NC = No internal connection
REF5025-HT
www.ti.com
SBOS502E – SEPTEMBER 2009 – REVISED NOVEMBER 2013
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
Check for Samples: REF5025-HT
1
FEATURES
2
•
Low Temperature Drift: 40 ppm/°C
•
Low Noise: 3
μVPP/V
•
High Output Current: ±7 mA
APPLICATIONS
•
Down-Hole Drilling
•
High Temperature Environments
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
•
Controlled Baseline
•
One Assembly/Test Site
•
One Fabrication Site
•
Available in Extreme (–55°C/210°C)
Temperature Range (1)
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
•
Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.
(1)
Custom temperature ranges available
DESCRIPTION
The REF5025 is a low-noise, low-drift, very high precision voltage reference. This reference is capable of both
sinking and sourcing, and is very robust with regard to line and load changes.
Temperature drift (40 ppm/°C) from –55°C to 210°C is achieved using proprietary design techniques. These
features combined with very low noise make the REF5025 ideal for use in down-hole drilling applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5025-HT_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results

Similar Description - REF5025-HT_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com