Electronic Components Datasheet Search
  English  ▼

X  

DS75365 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75365
Description  Quad TTL-to-MOS Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75365 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS75365 Datasheet HTML 1Page - National Semiconductor (TI) DS75365 Datasheet HTML 2Page - National Semiconductor (TI) DS75365 Datasheet HTML 3Page - National Semiconductor (TI) DS75365 Datasheet HTML 4Page - National Semiconductor (TI) DS75365 Datasheet HTML 5Page - National Semiconductor (TI) DS75365 Datasheet HTML 6Page - National Semiconductor (TI) DS75365 Datasheet HTML 7Page - National Semiconductor (TI) DS75365 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Notes 2 3) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC2(S)
Supply Current from VCC2
VCC1 e 0V VCC2 e 24V
025
mA
Stand-By Condition
VCC3 e 24V All Inputs at 5V No Load
ICC3(S)
Supply Current from VCC3
05
mA
Stand-By Condition
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range for the DS75365 All typical values are for TA e 25 C and VCC1 e 5V and
VCC2 e 20V and VCC3 e 24V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
This rating applies between any two inputs of any one of the gates
Switching Characteristics VCC1 e 5V VCC2 e 20V VCC3 e 24V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDLH
Delay Time Low-to-High Level Output
CL e 200 pF
11
20
ns
tDHL
Delay Time High-to-Low Level Output
RD e 24X
10
18
ns
tTLH
Transition Time Low-to-High Level Output
(
Figure 1 )
20
33
ns
tTHL
Transition Time High-to-Low Level Output
20
33
ns
tPLH
Propagation Delay Time Low-to-High Level Output
10
31
48
ns
tPHL
Propagation Delay Time High-to-Low Level Output
10
30
46
ns
AC Test Circuit and Switching Time Waveforms
TLF7560 – 3
TLF7560 – 4
Note 1
The pulse generator has the following characteristics PRR e 1 MHz ZOUT e 58X
Note 2
CL includes probe and jig capacitance
FIGURE 1 Switching Times Each Driver
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com