Electronic Components Datasheet Search
  English  ▼

X  

DS75365 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75365
Description  Quad TTL-to-MOS Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75365 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS75365 Datasheet HTML 1Page - National Semiconductor (TI) DS75365 Datasheet HTML 2Page - National Semiconductor (TI) DS75365 Datasheet HTML 3Page - National Semiconductor (TI) DS75365 Datasheet HTML 4Page - National Semiconductor (TI) DS75365 Datasheet HTML 5Page - National Semiconductor (TI) DS75365 Datasheet HTML 6Page - National Semiconductor (TI) DS75365 Datasheet HTML 7Page - National Semiconductor (TI) DS75365 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF7560
June 1992
DS75365 Quad TTL-to-MOS Driver
General Description
The DS75365 is a quad monolithic integrated TTL-to-MOS
driver and interface circuit that accepts standard TTL input
signals and provides high-current and high-voltage output
levels suitable for driving MOS circuits It is used to drive
address control and timing inputs for several types of MOS
RAMs including the 1103
The DS75365 operates from the TTL 5V supply and the
MOS VSS and VBB supplies in many applications This de-
vice has been optimized for operation with VCC2 supply volt-
age from 16V to 20V and with nominal VCC3 supply voltage
from 3V to 4V higher than VCC2 However it is designed so
as to be usable over a much wider range of VCC2 and VCC3
In some applications the VCC3 power supply can be elimi-
nated by connecting the VCC3 to the VCC2 pin
Features
Y
Quad positive-logic NAND TTL-to-MOS driver
Y
Versatile interface circuit for use between TTL and
high-current high-voltage systems
Y
Capable of driving high-capacitance loads
Y
Compatible with many popular MOS RAMs
Y
Interchangeable with Intel 3207
Y
VCC2 supply voltage variable over side range to 24V
maximum
Y
VCC3 supply voltage pin available
Y
VCC3 pin can be connected to VCC2 pin in some
applications
Y
TTL compatible diode-clamped inputs
Y
Operates from standard bipolar and MOS supply
voltages
Y
Two common enable inputs per gate-pair
Y
High-speed switching
Y
Transient overdrive minimizes power dissipation
Y
Low standby power dissipation
Schematic and Connection Diagrams
TLF7560 – 1
Dual-In-Line Package
TLF7560 – 2
Top View
Positive Logic Y e A
E1E2
Order Number DS75365N or DS75365WM
See NS Package Number M16B or N16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS75365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75361 NSC-DS75361 Datasheet
142Kb / 6P
Dual TTL-to-MOS Driver
DS75361N NSC-DS75361N Datasheet
142Kb / 6P
Dual TTL-to-MOS Driver
More results

Similar Description - DS75365

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
Quad MECL to TTL Transistor
logo
National Semiconductor ...
DS75361 NSC-DS75361 Datasheet
142Kb / 6P
Dual TTL-to-MOS Driver
DS75491 NSC-DS75491 Datasheet
119Kb / 4P
MOS-to-LED Digit Driver, Quad Segment Driver
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
Quad TTL to MECL Translator
1996 REV 5
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
Quad MECL-to-TTL Translator
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
Quad TTL-to-MECL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
Quad TTL-to-ECL Translator
June 14 1990
logo
National Semiconductor ...
DS9643 NSC-DS9643 Datasheet
119Kb / 4P
Dual TTL to MOS/CCD Driver
logo
ON Semiconductor
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
Quad TTL to MECL Translator
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com