Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5504 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 3Page - Texas Instruments TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments TMS320VC5504 Datasheet HTML 10Page - Texas Instruments TMS320VC5504 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
TMS320VC5504
www.ti.com
SPRS609B – JUNE 2009 – REVISED JANUARY 2010
Table 3-1. Characteristics of the VC5504 Processor (continued)
HARDWARE FEATURES
VC5504
PLL Options
Software Programmable Multiplier
x4 to x4099 multiplier
BGA Package
10 x 10 mm
196-Pin BGA (ZCH)
Process Technology
mm
0.09 mm
Product Preview (PP),
Product Status (1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
3.2
C55x CPU
The TMS320VC5504 fixed-point digital signal processor (DSP) is based on the C55x CPU 3.3 generation
processor core. The C55x DSP architecture achieves high performance and low power through increased
parallelism and total focus on power savings. The CPU supports an internal bus structure that is
composed of one program bus, three data read buses (one 32-bit data read bus and two 16-bit data read
buses), two 16-bit data write buses, and additional buses dedicated to peripheral and DMA activity. These
buses provide the ability to perform up to four data reads and two data writes in a single cycle. Each DMA
controller can perform one 32-bit data transfer per cycle, in parallel and independent of the CPU activity.
The C55x CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit
multiplication in a single cycle. A central 40-bit arithmetic/logic unit (ALU) is supported by an additional
16-bit ALU. Use of the ALUs is under instruction set control, providing the ability to optimize parallel
activity and power consumption. These resources are managed in the Address Unit (AU) and Data Unit
(DU) of the C55x CPU.
The C55x DSP generation supports a variable byte width instruction set for improved code density. The
Instruction Unit (IU) performs 32-bit program fetches from internal or external memory, stores them in a
128-byte Instruction Buffer Queue, and queues instructions for the Program Unit (PU). The Program Unit
decodes the instructions, directs tasks to AU and DU resources, and manages the fully protected pipeline.
Predictive branching capability avoids pipeline flushes on execution of conditional instructions calls.
For more detailed information on the CPU, see the TMS320C55x CPU 3.0 CPU Reference Guide
(literature number SWPU073).
The C55x core of the VC5504 can address 16M bytes of unified data and program space. It also
addresses 64K words of I/O space. The VC5504 includes three types of on-chip memory: 128 KB
read-only memory (ROM), 192 KB single-access random access memory (SARAM), 64 KB dual-access
random access memory (DARAM). The memory map is shown in Figure 3-1.
Copyright © 2009–2010, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com