Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5504 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 69Page - Texas Instruments TMS320VC5504 Datasheet HTML 70Page - Texas Instruments TMS320VC5504 Datasheet HTML 71Page - Texas Instruments TMS320VC5504 Datasheet HTML 72Page - Texas Instruments TMS320VC5504 Datasheet HTML 73Page - Texas Instruments TMS320VC5504 Datasheet HTML 74Page - Texas Instruments TMS320VC5504 Datasheet HTML 75Page - Texas Instruments TMS320VC5504 Datasheet HTML 76Page - Texas Instruments TMS320VC5504 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
TMS320VC5504
www.ti.com
SPRS609B – JUNE 2009 – REVISED JANUARY 2010
Table 6-12. Switching Characteristics Over Recommended Operating Conditions for EMIF Asynchronous Memory(1) (2) (see Figure 6-15 and
Figure 6-17)(3)
CVDD = 1.05 V
DVDDEMIF = 3.3/2.8/2.5/1.8 V
NO.
PARAMETER
UNIT
MIN
NOM
MAX
READS and WRITES
1
td(TURNAROUND)
Turn around time
(TA)*E - 9
(TA)*E
(TA)*E + 9
ns
READS
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E - 9
(RS+RST+RH)*E
(RS+RST+RH)*E + 9
ns
3
tc(EMRCYCLE)
EMIF read cycle time (EW = 1)
(RS+RST+RH+(EWC*16))*E - 9
(RS+RST+RH+(EWC*16))*E (RS+RST+RH+(EWC*16))*E + 9
ns
Output setup time, EM_CS[5:2] low to EM_OE low (SS = 0)
(RS)*E-9
(RS)*E
(RS)*E+9
ns
4
tsu(EMCEL-EMOEL)
Output setup time, EM_CS[5:2] low to EM_OE low (SS = 1)
-9
0
+9
ns
Output hold time, EM_OE high to EM_CS[5:2] high (SS = 0)
(RH)*E - 9
(RH)*E
(RH)*E + 9
ns
5
th(EMOEH-EMCEH)
Output hold time, EM_OE high to EM_CS[5:2] high (SS = 1)
-9
0
+9
ns
6
tsu(EMBAV-EMOEL)
Output setup time, EM_BA[1:0] valid to EM_OE low
(RS)*E-9
(RS)*E
(RS)*E+9
ns
7
th(EMOEH-EMBAIV)
Output hold time, EM_OE high to EM_BA[1:0] invalid
(RH)*E-9
(RH)*E
(RH)*E+9
ns
8
tsu(EMBAV-EMOEL)
Output setup time, EM_A[20:0] valid to EM_OE low
(RS)*E-9
(RS)*E
(RS)*E+9
ns
9
th(EMOEH-EMAIV)
Output hold time, EM_OE high to EM_A[20:0] invalid
(RH)*E-9
(RH)*E
(RH)*E+9
ns
EM_OE active low width (EW = 0)
(RST)*E-9
(RST)*E
(RST)*E+9
ns
10
tw(EMOEL)
EM_OE active low width (EW = 1)
(RST+(EWC*16))*E-9
(RST+(EWC*16))*E
(RST+(EWC*16))*E+9
ns
11
td(EMWAITH-EMOEH)
Delay time from EM_WAITx deasserted to EM_OE high
4E-9
4E
4E+9
ns
WRITES
EMIF write cycle time (EW = 0)
(WS+WST+WH)*E-9
(WS+WST+WH)*E
(WS+WST+WH)*E+9
ns
15
tc(EMWCYCLE)
(WS+WST+WH+(EWC*16))*E -
(WS+WST+WH+(EWC*16))*E +
EMIF write cycle time (EW = 1)
(WS+WST+WH+(EWC*16))*E
ns
9
9
Output setup time, EM_CS[5:2] low to EM_WE low (SS = 0)
(WS)*E - 9
(WS)*E
(WS)*E + 9
ns
16
tsu(EMCSL-EMWEL)
Output setup time, EM_CS[5:2] low to EM_WE low (SS = 1)
-9
0
+9
ns
Output hold time, EM_WE high to EM_CS[5:2] high (SS = 0)
(WH)*E-9
(WH)*E
(WH)*E+9
ns
17
th(EMWEH-EMCSH)
Output hold time, EM_WE high to EM_CS[5:2] high (SS = 1)
-9
0
+9
ns
18
tsu(EMBAV-EMWEL)
Output setup time, EM_BA[1:0] valid to EM_WE low
(WS)*E-9
(WS)*E
(WS)*E+9
ns
19
th(EMWEH-EMBAIV)
Output hold time, EM_WE high to EM_BA[1:0] invalid
(WH)*E-9
(WH)*E
(WH)*E+9
ns
20
tsu(EMAV-EMWEL)
Output setup time, EM_A[20:0] valid to EM_WE low
(WS)*E-9
(WS)*E
(WS)*E+9
ns
21
th(EMWEH-EMAIV)
Output hold time, EM_WE high to EM_A[20:0] invalid
(WH)*E-9
(WH)*E
(WH)*E+9
ns
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold, MEWC = Maximum external wait cycles. These
parameters are programmed via the Asynchronous Configuration and Asynchronous Wait Cycle Configuration Registers.
(2)
E = SYSCLK period in ns, if EMIF is set for "full rate" or E = SYSCLK/2 period in ns, if EMIF is set for "half rate" as defined by bit 14 of the EMIF Status register (0x1001h). For example,
when EMIF is set to full rate and SYSCLK is selected and set to 100 MHz, E = 10 ns.
(3)
EWC = external wait cycles determined by EM_WAITx input signal. EWC supports the following range of values EWC[256-1]. Note that the maximum wait time before timeout is specified
by bit field MEWC in the Asynchronous Wait Cycle Configuration Register.
Copyright © 2009–2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Link(s): TMS320VC5504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com