| Electronic Components Datasheet Search |
|
TMS320VC5506 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5506 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 117 page ![]() Introduction 21 October 2006 − Revised January 2008 SPRS375C Table 2−3. Signal Descriptions (Continued) TERMINAL NAME RESET CONDITION BK‡ FUNCTION I/O/Z† MULTIPLEXED SIGNAL NAME PARALLEL BUS (CONTINUED) C8 O/Z EMIF byte enable 0 control . The initial state of this pin depends on the GPIO0 pin. GPIO0 = 1: Output, EMIF.BE0 EMIF.BE0 O/Z Active-low EMIF byte enable 0 control. EMIF.BE0 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.BE0 GPIO0 = 0: Reserved C9 O/Z EMIF byte enable 1 control. The initial state of this pin depends on the GPIO0 pin. BK GPIO0 = 1: Output, EMIF.BE1 EMIF.BE1 O/Z Active-low EMIF byte enable 1 control. EMIF.BE1 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK GPIO0 = 0: Reserved C10 O/Z EMIF SDRAM row strobe. The initial state of this pin depends on the GPIO0 pin. GPIO0 = 1: Output, EMIF.SDRAS EMIF.SDRAS O/Z Active-low EMIF SDRAM row strobe. EMIF.SDRAS is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.SDRAS GPIO0 = 0: Reserved † I = Input, O = Output, S = Supply, Hi-Z = High-impedance ‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup, PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |