Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5506 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  Fixed-Point Digital Signal Processor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5506 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 35Page - Texas Instruments TMS320VC5506 Datasheet HTML 36Page - Texas Instruments TMS320VC5506 Datasheet HTML 37Page - Texas Instruments TMS320VC5506 Datasheet HTML 38Page - Texas Instruments TMS320VC5506 Datasheet HTML 39Page - Texas Instruments TMS320VC5506 Datasheet HTML 40Page - Texas Instruments TMS320VC5506 Datasheet HTML 41Page - Texas Instruments TMS320VC5506 Datasheet HTML 42Page - Texas Instruments TMS320VC5506 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
Functional Overview
39
October 2006 − Revised January 2008
SPRS375C
3.5.2 Parallel Port
The parallel port of the 5506 consists of 14 (LQFP) or 21 (BGA) address signals, 16 data signals, and 15 control
signals. Its 14 bits for address allow it to access 16K (LQFP) or 2M bytes of external memory when using the
asynchronous SRAM interface. On the other hand, the SDRAM interface can access the whole external
memory space of 16M bytes. The parallel bus supports two different modes:
•
Full EMIF mode: the EMIF with its 14 (LQFP) or 21 address signals, 16 data signals, and 15 control
signals routed to the corresponding external parallel bus address, data, and control signals.
•
Data EMIF mode: the EMIF with its 16 data signals, and 15 control signals routed to the corresponding
external parallel bus data and control signals. The 14 (LQFP) or 16 (BGA) address bus signals can be
used as general-purpose I/O signals only.
Table 3−6. TMS320VC5506 Parallel Port Signal Routing
Pin Signal
Data EMIF (00)†
Full EMIF (01)†
Address Bus
A’[0]
N/A
EMIF.A[0] (BGA)
A[0]
GPIO.A[0] (LQFP)
EMIF.A[0] (LQFP)
A[0]
GPIO.A[0] (BGA)
A[13:1]
GPIO.A[13:1] (LQFP)
EMIF.A[13:1] (LQFP)
A[13:1]
GPIO.A[13:1] (BGA)
EMIF.A[13:1] (BGA)
A[15:14]
GPIO.A[15:14] (BGA)
EMIF.A[15:14] (BGA)
A[20:16]‡
N/A
EMIF.A[20:16] (BGA)
Data Bus
D[15:0]
EMIF.D[15:0]
EMIF.D[15:0]
Control Bus
C0
EMIF.ARE
EMIF.ARE
C1
EMIF.AOE
EMIF.AOE
C2
EMIF.AWE
EMIF.AWE
C3
EMIF.ARDY
EMIF.ARDY
C4
EMIF.CE0
EMIF.CE0
C5
EMIF.CE1
EMIF.CE1
C6
EMIF.CE2
EMIF.CE2
C7
EMIF.CE3
EMIF.CE3
C8
EMIF.BE0
EMIF.BE0
C9
EMIF.BE1
EMIF.BE1
C10
EMIF.SDRAS
EMIF.SDRAS
C11
EMIF.SDCAS
EMIF.SDCAS
C12
EMIF.SDWE
EMIF.SDWE
C13
EMIF.SDA10
EMIF.SDA10
C14
EMIF.CLKMEM
EMIF.CLKMEM
† Represents the Parallel Port Mode bits of the External Bus Selection Register.
‡ A[20:16] of the BGA package always functions as EMIF address pins and they cannot be reconfigured for any other function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com