Electronic Components Datasheet Search
  English  ▼

X  

AD6634BBC Datasheet(PDF) 39 Page - Analog Devices

Part # AD6634BBC
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BBC Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6634BBC Datasheet HTML 35Page - Analog Devices AD6634BBC Datasheet HTML 36Page - Analog Devices AD6634BBC Datasheet HTML 37Page - Analog Devices AD6634BBC Datasheet HTML 38Page - Analog Devices AD6634BBC Datasheet HTML 39Page - Analog Devices AD6634BBC Datasheet HTML 40Page - Analog Devices AD6634BBC Datasheet HTML 41Page - Analog Devices AD6634BBC Datasheet HTML 42Page - Analog Devices AD6634BBC Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
REV. 0
AD6634
–39–
0x90: rCIC2 Decimation – 1 (MrCIC2 – 1)
This register is used to set the decimation in the rCIC2 filter.
The value written to this register is the decimation minus one.
The rCIC2 decimation can range from 1 to 4096, depending
upon the interpolation of the channel. The decimation must
always be greater than the interpolation. MrCIC2 must be chosen
larger than LrCIC2 and both must be chosen such that a suitable
rCIC2 scalar can be chosen. For more details, the rCIC2 section
should be consulted.
0x91: rCIC2 Interpolation – 1 (LrCIC2 – 1)
This register is used to set the interpolation in the rCIC2 filter.
The value written to this register is the interpolation minus one.
The rCIC2 interpolation can range from 1 to 512, depending
upon the decimation of the rCIC2. There is no timing error
associated with this interpolation. See the rCIC2 section for
further details.
0x92: rCIC2 Scale
The rCIC2 scale register is used to provide attenuation to com-
pensate for the gain of the rCIC2 and to adjust the linearization
of the data from the floating-point input. The use of this scale
register is influenced both by the rCIC2 growth and floating-
point input port considerations. The rCIC2 section should be
consulted for details. The rCIC2 scalar has been combined with
the exponent offset and will need to be handled appropriately in
both the input port and rCIC2 sections.
Bit 11 determines the polarity of the exponent. Normally, this
bit will be cleared unless an ADC such as the AD6600 is used,
in which case this bit will be set.
Bit 10 determines the weight of the exponent word associated
with the input port. When this bit is Low, each exponent step is
considered to be worth 6.02 dB. When this bit is High, each
exponent step is considered to be worth 12.02 dB.
Table XI. Channel Address Memory Map
Channel
Bit
Address
Register
Width
Comments
90
rCIC2 Decimation – 1
12
MrCIC2–1
91
rCIC2 Decimation – 1
9
LrCIC2–1
92
rCIC2 Scale
12
11: Exponent Invert
10: Exponent Weight
9–5: rCIC2_QUIET[4:0]
4–0: rCIC2_LOUD[4:0]
93
Reserved
8
Reserved (Must Be Written Low)
94
CIC5 Decimation – 1
8
MCIC5–1
95
CIC5 Scale
5
4–0: CIC5_SCALE[4:0]
96
Reserved
8
Reserved (Must Be Written Low)
97–9F
Unused
A0
RCF Decimation – 1
8
MRCF–1
A1
RCF Decimation Phase
8
PRCF
A2
RCF Number of Taps – 1
8
NTAPS–1
A3
RCF Coefficient Offset
8
CORCF
A4
RCF Control Register
11
10: RCF Bypass BIST
9: RCF Input Select
(Own 0, Other 1)
8: Program RAM Bank 1/0
7: Use Common Exponent
6: Force Output Scale
5–4: Output Format
1x: Floating Point 12 + 4
01: Floating Point 8 + 4
00: Fixed Point
3–0:1Output Scale
A5
BIST Signature for I Path
16
BIST-I
A6
BIST Signature for Q Path
16
BIST-Q
A7
No. of BIST Outputs to
Accumulate
20
19–0: No. of Outputs(Counter Value Read)
A8
RAM BIST Control Register
3
2: D-RAM Fail/Pass
1: NC-RAM Fail/Pass
0: RAM BIST Enable
A9
Output Control Register
9: Map RCF Data to BIST Registers
5: Output Format
1:16-Bit I and 16-Bit Q
0:12-Bit I and 12-Bit Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com