Electronic Components Datasheet Search
  English  ▼

X  

AD6634BBC Datasheet(PDF) 35 Page - Analog Devices

Part # AD6634BBC
Description  80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6634BBC Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6634BBC Datasheet HTML 31Page - Analog Devices AD6634BBC Datasheet HTML 32Page - Analog Devices AD6634BBC Datasheet HTML 33Page - Analog Devices AD6634BBC Datasheet HTML 34Page - Analog Devices AD6634BBC Datasheet HTML 35Page - Analog Devices AD6634BBC Datasheet HTML 36Page - Analog Devices AD6634BBC Datasheet HTML 37Page - Analog Devices AD6634BBC Datasheet HTML 38Page - Analog Devices AD6634BBC Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
REV. 0
AD6634
–35–
PCLK
PxREQ
Px[15:0]
PxACK
PxlQ
PxCH[1:0]
I[15:0]
PxCH[0] = AGC#
PxCH[1] = 0
tDPREQ
tDPCH
tDPIQ
tDPP
Q[15:0]
RSSI[11:0]
PxCH[0]=AGC#
PxCH[1]= 1
Figure 39. AGC Output with RSSI Word
Master/Slave PCLK Modes
The parallel ports may operate in either Master or Slave mode.
The mode is set via the Port Clock Control register (address
0x1E). The parallel ports power up in Slave mode to avoid
possible contentions on the PCLK pin.
In Master mode, PCLK is an output whose frequency is the
AD6634 clock frequency divided by the PCLK divisor. Since
values for PCLK_divisor[2:1] can range from 0 to 3, integer
divisors of 1, 2, 4, or 8, respectively, can be obtained. Since the
maximum clock rate of the AD6634 is 80 MHz, the highest PLCK
rate in Master mode is also 80 MHz. Master mode is selected
by setting Bit 0 of address 0x1E.
In Slave mode, external circuitry provides the PCLK signal. Slave
mode PCLK signals may be either synchronous or asynchronous.
The maximum Slave mode PCLK frequency is 100 MHz.
Parallel Port Pin Functionality
The following describes the functionality of the pins used by the
parallel ports.
PCLK—Input/Output. As an output (Master mode), the maximum
frequency is CLK/N, where CLK is AD6634 clock and N is an
integer divisor from 1, 2, 4, or 8. As an input (Slave mode),
it may be asynchronous relative to the AD6634 CLK. This pin
powers up as an input to avoid possible contentions. Other port
outputs change on the rising edge of PCLK.
REQ—Active HIGH output, synchronous to PCLK. A logic
HIGH on this pin indicates that data is available to be shifted out
of the port. A logic HIGH value remains high until all pending
data has been shifted out.
ACK—Active HIGH asynchronous input. Applying a logic LOW
on this pin inhibits parallel port data shifting. Applying a logic
HIGH to this pin when REQ is high causes the parallel port to
shift out data according the programmed data mode. ACK is
sampled on the rising edge of PCLK. Assuming REQ is asserted,
the latency from the assertion of ACK to data appearing at the
parallel port output is no more than 1.5 PCLK cycles (see
Figure 12). ACK may be held high continuously; in this case,
when data becomes available, shifting begins 1 PCLK cycle after
the assertion of REQ (see Figure 36).
PAIQ, PBIQ—High whenever I data is present on the port output,
low otherwise.
PACH[1:0], PBCH[1:0]—These pins serve to identify data in
both of the data modes. In Channel mode, these pins form a 2-bit
binary number identifying the source channel of the current
data-word. In AGC mode, [0] indicates the AGC source (0 = AGC
A, 1 = AGC B), and [1] indicates whether the current data-word
is I/Q data (0) or an RSSI word (1).
PA[15:0], PB[15:0]—Parallel Output Data Ports. Contents and
format are mode-dependent.
LINK PORT
The AD6634 has two configurable link ports that provide a
seamless data interface with the TigerSHARC DSP. Each link
port allows the AD6634 to write output data to the receive
DMA channel in the TigerSHARC for transfer to memory.
Since they operate independently of each other, each link port can
be connected to a different TigerSHARC or different link ports
on the same TigerSHARC. Figure 40 shows how to connect one of
the two AD6634 link ports to one of the four TigerSHARC link
ports. Link Port A is configured through register 0x1B and Link
Port B is configured through register 0x1D.
AD6634
LCLKIN
LCLKOUT
LDAT
PCLK
TigerSHARC
LCLKIN
LCLKOUT
LDAT
PCLK
8
Figure 40. Link Port Connection between AD6634
and TigerSHARC
Link Port Data Format
Each link port can output data to the TigerSHARC in five different
formats: 2-channel, 4-channel, dedicated AGC, redundant AGC
with RSSI word, and redundant AGC without RSSI word. Each
format outputs two bytes of I data and two bytes of Q data to form a
4-byte IQ pair. Since the TigerSHARC link port transfers data in
quad-word (16-byte) blocks, four IQ pairs can make up one quad-
word. If the channel data is selected (Bit 0 = 0 of 0x1B/0x1D),
4-byte IQ words of the four channels can be output in succession or
alternating channel pair IQ words can be output. Figures 41
and 42 show the quad-word transmitted for each scenario with
corresponding register values for configuring each link port.
LINK PORT
A OR B
CH 0 I, Q
(4 BYTES)
CH 1 I, Q
(4 BYTES)
CH 2 I, Q
(4 BYTES)
CH 3 I, Q
(4 BYTES)
ADDR 0x1B OR 0x1D BIT 0 = 0, BIT 1 = 0
LINK PORT A
CH 0 I, Q
(4 BYTES)
CH 1 I, Q
(4 BYTES)
CH 0 I, Q
(4 BYTES)
CH 1 I, Q
(4 BYTES)
LINK PORT B
CH 2 I, Q
(4 BYTES)
CH 3 I, Q
(4 BYTES)
CH 2 I, Q
(4 BYTES)
CH 3 I, Q
(4 BYTES)
ADDR 0x1B OR 0x1D BIT 0 = 0, BIT 1 = 1
Figure 41. Link Port Data from RCF
If AGC output is selected (Bit 0 = 1), RSSI information can be
sent with the IQ pair from each AGC. Each link port can be
configured to output data from one AGC or both link ports can
output data from the same AGC. If both link ports are transmitting
the same data, RSSI information must be sent with the IQ
words (Bit 2 = 0). Note that the actual RSSI word is only two
bytes (12 bits appended with four zeros), so the link port sends
two bytes of 0s immediately after each RSSI word to make a full
16-byte quad-word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com