Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS1114 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 126 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 122Page - Texas Instruments TMS570LS1114 Datasheet HTML 123Page - Texas Instruments TMS570LS1114 Datasheet HTML 124Page - Texas Instruments TMS570LS1114 Datasheet HTML 125Page - Texas Instruments TMS570LS1114 Datasheet HTML 126Page - Texas Instruments TMS570LS1114 Datasheet HTML 127Page - Texas Instruments TMS570LS1114 Datasheet HTML 128Page - Texas Instruments TMS570LS1114 Datasheet HTML 129Page - Texas Instruments TMS570LS1114 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 169 page
background image
V
S1
On-State
Bias Current
Off-State
Leakages
V
S2
V
S24
I
AOSB
I
AIL
I
AIL
R
ext
R
ext
R
ext
P
in
S
mux
R
mux
P
in
S
mux
R
mux
P
in
S
mux
R
mux
S
samp
R
samp
C
samp
C
ext
I
AIL
I
AIL
I
AIL
I
AIL
C
mux
C
ext
C
ext
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Figure 7-6. MibADC Input Equivalent Circuit
Table 7-21. MibADC Timing Specifications
Parameter
MIN
NOM
MAX
Unit
tc(ADCLK)
(1)
Cycle time, MibADC clock
0.033
µs
td(SH)
(2)
Delay time, sample and hold
0.2
µs
time
td(PU-ADV)
Delay time from ADC power on
1
µs
until first input can be sampled
12-bit mode
td©)
Delay time, conversion time
0.4
µs
td(SHC)
(3)
Delay time, total sample/hold
0.6
µs
and conversion time
10-bit mode
td©)
Delay time, conversion time
0.33
µs
td(SHC)
(3)
Delay time, total sample/hold
0.53
µs
and conversion time
(1)
The MibADC clock is the ADCLK, generated by dividing down the VCLK by a prescale factor defined by the ADCLOCKCR register bits
4:0.
(2)
The sample and hold time for the ADC conversions is defined by the ADCLK frequency and the AD<GP>SAMP register for each
conversion group. The sample time needs to be determined by accounting for the external impedance connected to the input channel as
well as the ADC’s internal impedance.
(3)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors, for
example, the prescale settings.
126
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com