Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5441 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 45Page - Texas Instruments TMS320VC5441 Datasheet HTML 46Page - Texas Instruments TMS320VC5441 Datasheet HTML 47Page - Texas Instruments TMS320VC5441 Datasheet HTML 48Page - Texas Instruments TMS320VC5441 Datasheet HTML 49Page - Texas Instruments TMS320VC5441 Datasheet HTML 50Page - Texas Instruments TMS320VC5441 Datasheet HTML 51Page - Texas Instruments TMS320VC5441 Datasheet HTML 52Page - Texas Instruments TMS320VC5441 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Functional Overview
49
December 1999 − Revised October 2008
SPRS122F
The registers WDTIM, WDPRD, WDTCR, and the PREMD bit in WDTSCR must be configured before the
watchdog enters the active state. By default, WDTIM =FFFFh, WDPRD = FFFFh, PREMD = 1, TDDR = 1111b.
Writing a ‘1’ to WDEN and configuring the PREMD bit must be done at the same time that A7Eh is written to
WDKEY in watchdog pre-active state.
3.2.5.6
Watchdog State Diagram
Figure 3−25 shows the watchdog operation state diagram.
Initial State
(Watchdog
Disabled)
(WDTIM=FFFFh)
(WDPRD=FFFFh)
(TDDR=1111b)
(PREMD=1)
Power Up/
Reset
(Hardware)
Not 5C6h to
WDKEY
5C6h to WDKEY
Pre-Active
State
5C6h to
WDKEY
A7Eh to
WDKEY
A7Eh to WDKEY
with ”1” to WDEN
(Reload Timer,
Clear WDFLAG,
Enable Output Pin)
Active State
(Waiting for
5C6h)
Not A7Eh or 5C6h
to WDKEY
Not 5C6h or A7Eh
to WDKEY
Output Pin Asserted
WDFLAG Set
WD INT Triggered
Timeout!
Output Pin Asserted
WDFLAG Set
WD INT Triggered
Timeout
State
(Watchdog
Disabled)
(Output Pin
Disconnected)
5C6h to
WDKEY
A7Eh to
WDKEY
(Register
Reload)
Service
State
(Waiting for
A7Eh)
5C6h to
WDKEY
Timeout!
WDFLAG Set
WD INT Triggered
Output Pin Asserted
WD INT Triggered
to WDKEY
Output Pin Asserted
WDFLAG Set
Not A7Eh or 5C6h
Figure 3−25. Watchdog Operation State Diagram
As shown in Figure 3−25, the watchdog is disabled before it enters the active state. Even though disabled,
the WD interrupt (WD_TINT) may be triggered periodically although the watchdog output pin (x_WTOUT) will
not be asserted. The interrupt may be utilized to:
•
Indicate that watchdog is not in active state
•
Allow the watchdog timer to act as a general-purpose time counter if the watchdog functionality is not
needed.
3.2.5.7
Watchdog Register Write Protection
Once the watchdog is enabled, writes to registers WDTIM, WDPRD, and WDTCR will have no effect. Writes
to the WDFLAG, WDEN, and PREMD bits in register WDTSCR will have no effect. However, writing an
incorrect key (not 5C6h or A7Eh) to WDKEY will result in an immediate time-out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com