Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5441 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 60Page - Texas Instruments TMS320VC5441 Datasheet HTML 61Page - Texas Instruments TMS320VC5441 Datasheet HTML 62Page - Texas Instruments TMS320VC5441 Datasheet HTML 63Page - Texas Instruments TMS320VC5441 Datasheet HTML 64Page - Texas Instruments TMS320VC5441 Datasheet HTML 65Page - Texas Instruments TMS320VC5441 Datasheet HTML 66Page - Texas Instruments TMS320VC5441 Datasheet HTML 67Page - Texas Instruments TMS320VC5441 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
Electrical Specifications
64
December 1999 − Revised October 2008
SPRS122F
5
Electrical Specifications
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320VC5441 DSP.
Leading “x” in signal names identifies the subsystem; x = A, B, C, or D for subsystem A, B, C, or D, respectively.
Trailing “n” in signal names identifies the McBSP; n = 0, 1, or 2 for McBSP0, McBSP1, or McBSP2, respectively.
5.1
Absolute Maximum Ratings
The list of absolute maximum ratings are specified over operating case temperature. Stresses beyond those
listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under Section 5.2 is not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. All voltage values are with respect to VSS. Figure 5−1 provides the test load circuit
values for a 3.3-V device.
Supply voltage I/O range, DVDD
− 0.3 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage core range, CVDD
− 0.3 V to 2.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage analog PLL, VCCA
− 0.3 V to 2.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
− 0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, Vo
− 0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC (Commercial)
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC (Industrial)
−40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
− 65
_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O†
3
3.3
3.6
V
CVDD
Device supply voltage, core†
1.55
1.6
1.65
V
VCCA
Device supply voltage, PLL
1.55
1.6
1.65
V
VSS
Supply voltage, GND
0
V
VIH
High-level input voltage, I/O
Schmitt triggered inputs
DVDD = 3.3 ± 0.3 V
0.7DVDD
DVDD + 0.3
V
VIH
High-level input voltage, I/O
All other inputs
2
DVDD + 0.3
V
VIL
Low-level input voltage, I/O
Schmitt triggered inputs
DVDD = 3.3 ± 0.3 V
0
0.3DVDD
V
VIL
Low-level input voltage, I/O
All other inputs
0
0.8
V
IOH
High-level output current
− 1
mA
IOL
Low-level output current
1.5
mA
TC
Operating case temperature, Commercial
0
85
°C
TC
Operating case temperature, Industrial
−40
100
°C
† Texas Instrument DSPs do not require specific power sequencing between the core supply and the I/O supply. However, systems should be
designed to ensure that neither supply is powered up for extended periods of time if the other supply is below the proper operating voltage.
Excessive exposure to these conditions can adversely affect the long-term reliability of the devices. System-level concerns such as bus
contention may require supply sequencing to be implemented. In this case, the core supply should be powered up at the same time as or prior
to the I/O buffers, and then powered down after the I/O buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com