Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320UC5402
Description  Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5402 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 17Page - Texas Instruments TMS320UC5402 Datasheet HTML 18Page - Texas Instruments TMS320UC5402 Datasheet HTML 19Page - Texas Instruments TMS320UC5402 Datasheet HTML 20Page - Texas Instruments TMS320UC5402 Datasheet HTML 21Page - Texas Instruments TMS320UC5402 Datasheet HTML 22Page - Texas Instruments TMS320UC5402 Datasheet HTML 23Page - Texas Instruments TMS320UC5402 Datasheet HTML 24Page - Texas Instruments TMS320UC5402 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
Functional Overview
11
April 1999 − Revised October 2008
SPRS096C
2.1.3 Memory Map
Page 0 Program
Hex
Data
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
MP/MC= 0
(Microcomputer Mode)
MP/MC= 1
(Microprocessor Mode)
0000
007F
0080
FFFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
Interrupts
(External)
FF80
Memory
Mapped
Registers
On-Chip DARAM
(16K x 16-bit)
ROM (DROM=1)
or External
(DROM=0)
0080
FFFF
Hex
0000
FF7F
FF00
FEFF
EFFF
F000
FFFF
3FFF
4000
0060
007F
0000
Hex
Page 0 Program
External
External
Scratch-Pad
RAM
Reserved
(DROM=1)
or External
(DROM=0)
005F
Reserved
(OVLY = 1)
External
(OVLY = 0)
007F
0080
3FFF
4000
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
FF00
FEFF
EFFF
F000
External
On-Chip ROM
(4K x 16-bit)
Interrupts
(On-Chip)
3FFF
4000
Reserved
FF7F
FF80
Figure 2−2. TMS320UC5402 Memory Map
2.1.4 Relocatable Interrupt Vector Table
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning that
the processor, when taking the trap, loads the program counter (PC) with the trap address and executes the
code at the vector location. Four words are reserved at each vector location to accommodate a delayed branch
instruction, either two 1-word instructions or one 2-word instruction, which allows branching to the appropriate
interrupt service routine with minimal overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register (see
Figure 2−3) with the appropriate 128-word page boundary address. After loading IPTR, any user interrupt or
trap vector is mapped to the new 128-word page.
NOTE: The hardware reset (RS) vector cannot be remapped because a hardware reset loads the IPTR
with 1s. Therefore, the reset vector is always fetched at location FF80h in program space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com