Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5402 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320UC5402
Description  Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5402 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 9Page - Texas Instruments TMS320UC5402 Datasheet HTML 10Page - Texas Instruments TMS320UC5402 Datasheet HTML 11Page - Texas Instruments TMS320UC5402 Datasheet HTML 12Page - Texas Instruments TMS320UC5402 Datasheet HTML 13Page - Texas Instruments TMS320UC5402 Datasheet HTML 14Page - Texas Instruments TMS320UC5402 Datasheet HTML 15Page - Texas Instruments TMS320UC5402 Datasheet HTML 16Page - Texas Instruments TMS320UC5402 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
Introduction
3
April 1999 − Revised October 2008
SPRS096C
Table 1−1. Terminal Assignments (144-Terminal GGU Package)†
SIGNAL
NAME
BGA BALL #
SIGNAL
NAME
BGA BALL #
SIGNAL
NAME
BGA BALL #
SIGNAL
NAME
BGA BALL #
NC
A1
NC
N13
NC
N1
A19
A13
NC
B1
NC
M13
NC
N2
NC
A12
VSS
C2
DVDD
L12
HCNTL0
M3
VSS
B11
DVDD
C1
VSS
L13
VSS
N3
DVDD
A11
A10
D4
CLKMD1
K10
BCLKR0
K4
D6
D10
HD7
D3
CLKMD2
K11
BCLKR1
L4
D7
C10
A11
D2
CLKMD3
K12
BFSR0
M4
D8
B10
A12
D1
NC
K13
BFSR1
N4
D9
A10
A13
E4
HD2
J10
BDR0
K5
D10
D9
A14
E3
TOUT0
J11
HCNTL1
L5
D11
C9
A15
E2
EMU0
J12
BDR1
M5
D12
B9
NC
E1
EMU1/OFF
J13
BCLKX0
N5
HD4
A9
HAS
F4
TDO
H10
BCLKX1
K6
D13
D8
VSS
F3
TDI
H11
VSS
L6
D14
C8
NC
F2
TRST
H12
HINT/TOUT1
M6
D15
B8
CVDD
F1
TCK
H13
CVDD
N6
HD5
A8
HCS
G2
TMS
G12
BFSX0
M7
CVDD
B7
HR/W
G1
NC
G13
BFSX1
N7
NC
A7
READY
G3
CVDD
G11
HRDY
L7
HDS1
C7
PS
G4
HPIENA
G10
DVDD
K7
VSS
D7
DS
H1
VSS
F13
VSS
N8
HDS2
A6
IS
H2
CLKOUT
F12
HD0
M8
DVDD
B6
R/W
H3
HD3
F11
BDX0
L8
A0
C6
MSTRB
H4
X1
F10
BDX1
K8
A1
D6
IOSTRB
J1
X2/CLKIN‡
E13
IACK
N9
A2
A5
MSC
J2
RS
E12
HBIL
M9
A3
B5
XF
J3
D0
E11
NMI
L9
HD6
C5
HOLDA
J4
D1
E10
INT0
K9
A4
D5
IAQ
K1
D2
D13
INT1
N10
A5
A4
HOLD
K2
D3
D12
INT2
M10
A6
B4
BIO
K3
D4
D11
INT3
L10
A7
C4
MP/MC
L1
D5
C13
CVDD
N11
A8
A3
DVDD
L2
A16
C12
HD1
M11
A9
B3
VSS
L3
VSS
C11
VSS
L11
CVDD
C3
NC
M1
A17
B13
NC
N12
NC
A2
NC
M2
A18
B12
NC
M12
NC
B2
† DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core
CPU.
‡ If an external clock source is used, the CLKIN signal level should not exceed CVDD + 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com