Electronic Components Datasheet Search
  English  ▼

X  

HV2902 Datasheet(PDF) 12 Page - Microchip Technology

Part # HV2902
Description  Low Harmonic Distortion, 32-Channel SPST
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2902 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HV2902 Datasheet HTML 8Page - Microchip Technology HV2902 Datasheet HTML 9Page - Microchip Technology HV2902 Datasheet HTML 10Page - Microchip Technology HV2902 Datasheet HTML 11Page - Microchip Technology HV2902 Datasheet HTML 12Page - Microchip Technology HV2902 Datasheet HTML 13Page - Microchip Technology HV2902 Datasheet HTML 14Page - Microchip Technology HV2902 Datasheet HTML 15Page - Microchip Technology HV2902 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
HV2802/HV2902
DS20005449A-page 12
 2015 Microchip Technology Inc.
3.0
TEST CIRCUIT EXAMPLES
This section details test circuit examples for a few electrical characteristics. The RGND pins are found only on the
HV2902 device. The Switch DC Offset of HV2802 needs 100 k
 external load.
FIGURE 3-1:
Switch Off Leakage per Switch.
FIGURE 3-2:
Switch DC Offset.
FIGURE 3-3:
TON/TOFF Test Circuit.
FIGURE 3-4:
Off Isolation.
FIGURE 3-5:
Output Switch Isolation
Diode Current.
FIGURE 3-6:
Switch Crosstalk.
RGND*
Open
5.0V
VPP
VNN
VDD
Open
GND
VNN
VPP
VPP-10V
ISOL
RGND*
VPP
VPP
VNN
VNN
VDD
GND
5.0V
VOUT
RLOAD
100k
(HV2802 only)
VPP
VPP
VNN
VNN
VDD
GND
5.0V
VPP-10V
RLOAD
VOUT
10k
RGND*
VPP
VPP
VNN
VNN
VDD
GND
5.0V
RLOAD
VOUT
VIN =10VP-P
@5 MHz
K
o
20Log
V
OUT
V
IN
----------------
=
RGND*
VPP
VPP
VNN
VNN
VDD
GND
5.0V
VNN
VSIG
IID
RGND*
VPP
VPP
VNN
VNN
VDD
GND
5.0V
50
50
VIN =10VP-P
@5 MHz
NC
K
CR
20Log
V
OUT
V
IN
----------------
=
RGND*
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com