Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 13. ’54x Instruction Set Opcodes (Continued)
MNEMONIC SYNTAX
OPCODE
WORDS/
CYCLES†
DESCRIPTION
MNEMONIC SYNTAX
LSB
MSB
WORDS/
CYCLES†
DESCRIPTION
ARITHMETIC INSTRUCTIONS (CONTINUED)
MAS[R]
Xmem, Ymem, src [, dst ]
Multiply dual, subtract from ACC [round]
1/1
1011
1RSD
XXXX
YYYY
MASA
Smem [, B ]
Multiply operand by ACCA, subtract from ACCB
1/1
0011
0011
IAAA
AAAA
MASA[R] T,
src [, dst ]
Multiply ACCA by T, subtract from ACC [round]
1/1
1111
01SD
1000
101R
MAX
dst
Accumulator maximum
1/1
1111
010D
1000
0110
MIN
dst
Accumulator minimum
1/1
1111
010D
1000
0111
MPY[R]
Smem, dst
Multiply TREG by operand, round if specified
1/1
0010
00RD
IAAA
AAAA
MPY
Xmem, Ymem, dst
Multiply dual data-memory operands
1/1
1010
010D
XXXX
YYYY
MPY
Smem, #lk, dst
Multiply operand by long-immediate operand
2/2
0110
001D
IAAA
AAAA
MPY #
lk, dst
Multiply TREG value by long-immediate operand
2/2
1111
000D
0110
0110
MPYA
Smem
Multiply single data-memory operand by ACCA
1/1
0011
0001
IAAA
AAAA
MPYA
dst
Multiply TREG value by ACCA
1/1
1111
010D
1000
1100
MPYU
Smem, dst
Multiply unsigned
1/1
0010
010D
IAAA
AAAA
NEG
src [, dst ]
Negate accumulator
1/1
1111
01SD
1000
0100
NORM
src [, dst ]
Normalize
1/1
1111
01SD
1000
1111
POLY
Smem
Evaluate polynomial
1/1
0011
0110
IAAA
AAAA
RND
src [, dst ]
Round accumulator
1/1
1111
01SD
1001
1111
SAT
src
Saturate accumulator
1/1
1111
010S
1000
0011
SQDST
Xmem, Ymem
Square distance
1/1
1110
0010
XXXX
YYYY
SQUR
Smem, dst
Square single data-memory operand
1/1
0010
011D
IAAA
AAAA
SQUR A
, dst
Square ACCA high
1/1
1111
010D
1000
1101
SQURA
Smem, src
Square and accumulate
1/1
0011
100S
IAAA
AAAA
SQURS
Smem, src
Square and subtract
1/1
0011
101S
IAAA
AAAA
SUB
Smem, src
Subtract operand from accumulator
1/1
0000
100S
IAAA
AAAA
SUB
Smem, TS, src
Shift by TREG[5:0], then subtract from ACC
1/1
0000
110S
IAAA
AAAA
SUB
Smem, 16, src [, dst ]
Shift operand 16 bits, then subtract from ACC
1/1
0100
00SD
IAAA
AAAA
SUB
Smem [, SHIFT ], src [, dst ]
Shift operand, then subtract from ACC
(2-word opcode)
2/2
0110
0000
1111
11SD
IAAA
001S
AAAA
HIFT
SUB
Xmem, SHFT, src
Shift operand, then subtract from ACC
1/1
1001
001S
XXXX
SHFT
SUB
Xmem, Ymem, dst
Shift dual operands by 16, then subtract
1/1
1010
001D
XXXX
YYYY
SUB #
lk [, SHFT ], src [, dst ]
Shift long-immediate, then subtract from ACC
2/2
1111
00SD
0001
SHFT
SUB #
lk, 16, src [, dst ]
Shift long-immediate 16 bits, subtract from ACC
2/2
1111
00SD
0110
0001
SUB
src [, SHIFT ], [, dst ]
Subtract shifted ACC from ACC
1/1
1111
01SD
001S
HIFT
SUB
src, ASM [, dst ]
Subtract ACC shifted by ASM from ACC
1/1
1111
01SD
1000
0001
SUBB
Smem, src
Subtract from accumulator with borrow
1/1
0000
111D
IAAA
AAAA
SUBC
Smem, src
Subtract conditionally
1/1
0001
111S
IAAA
AAAA
SUBS
Smem, src
Subtract from ACC, sign-extension suppressed
1/1
0000
101S
IAAA
AAAA
† Values for words and cycles assume the use of DARAM for data. Add one word and one cycle when using long-offset indirect addressing or
absolute addressing with a single data-memory operand.
‡ Delayed Instruction
§ Condition true
¶ Condition false
instruction set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com