Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC549 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 60Page - Texas Instruments TMS320VC549 Datasheet HTML 61Page - Texas Instruments TMS320VC549 Datasheet HTML 62Page - Texas Instruments TMS320VC549 Datasheet HTML 63Page - Texas Instruments TMS320VC549 Datasheet HTML 64Page - Texas Instruments TMS320VC549 Datasheet HTML 65Page - Texas Instruments TMS320VC549 Datasheet HTML 66Page - Texas Instruments TMS320VC549 Datasheet HTML 67Page - Texas Instruments TMS320VC549 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
64
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
divide-by-two/divide-by-four clock option – PLL disabled
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of two or four to
generate the internal machine cycle. The selection of the clock mode is described in the clock generator section.
When an external clock source is used, the frequency injected must conform to specifications listed in the timing
requirements table.
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 13
and Figure 14, and the recommended operating conditions table)
PARAMETER
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
25‡
2tc(CI)
†
20‡
2tc(CI)
†
15‡
2tc(CI)
†
ns
td(CIH-CO)
Delay time, X2/CLKIN high to
CLKOUT high/low
6
12
18
6
12
18
4
10
16
ns
tf(CO)
Fall time, CLKOUT†
2
2
2
ns
tr(CO)
Rise time, CLKOUT†
2
2
2
ns
tw(COL)
Pulse duration, CLKOUT low†
H–4
H–2
H
H–4
H–2
H
H–4
H–2
H
ns
tw(COH)
Pulse duration, CLKOUT high†
H–4
H–2
H
H–4
H–2
H
H–4
H–2
H
ns
† This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
‡ It is recommended that the PLL clocking option be used for maximum frequency operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com