Electronic Components Datasheet Search
  English  ▼

X  

DS75176 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75176
Description  Multipoint RS-485/RS-422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75176 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS75176 Datasheet HTML 1Page - National Semiconductor (TI) DS75176 Datasheet HTML 2Page - National Semiconductor (TI) DS75176 Datasheet HTML 3Page - National Semiconductor (TI) DS75176 Datasheet HTML 4Page - National Semiconductor (TI) DS75176 Datasheet HTML 5Page - National Semiconductor (TI) DS75176 Datasheet HTML 6Page - National Semiconductor (TI) DS75176 Datasheet HTML 7Page - National Semiconductor (TI) DS75176 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
0˚C
≤ T
A
≤ 70˚C, 4.75V < V
CC< 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min Typ Max
Units
I
OSD
Driver Short-Circuit
V
O = −7V (Note 7)
−250
mA
Output Current
V
O = +12V (Note 7)
+250
mA
I
OSR
Receiver Short-Circuit
V
O = 0V
−15
−85
mA
Output Current
Note 1: “Absolute Maximum Ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: Derate linearly at 5.56 mW/˚C to 650 mW at 70˚C.
Note 5: Derate linearly @ 6.11 mW/˚C to 400 mW at 70˚C.
Note 6: Differential - Input/Output bus voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
Note 7: All worst case parameters for which note 7 is applied, must be increased by 10% for DS75176BT. The other parameters remain valid for −40˚C < TA
< +85˚C.
Switching Characteristics
V
CC = 5.0V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Driver Input to Output
R
LDIFF =60
Ω
12
22
ns
t
PHL
Driver Input to Output
C
L1 =CL2 = 100 pF
17
22
ns
t
r
Driver Rise Time
R
LDIFF =60
Ω
18
ns
t
f
Driver Fall Time
C
L1 =CL2 = 100 pF
18
ns
(Figure 3 and Figure 5)
t
ZH
Driver Enable to Output High
C
L = 100 pF (Figure 4 and Figure 6)S1
Open
29
100
ns
t
ZL
Driver Enable to Output Low
C
L = 100 pF (Figure 4 and Figure 6)S2
Open
31
60
ns
t
LZ
Driver Disable Time from Low
C
L =15pF(Figure 4 and Figure 6)S2
Open
13
30
ns
t
HZ
Driver Disable Time from High
C
L =15pF(Figure 4 and Figure 6)S1
Open
19
200
ns
t
PLH
Receiver Input to Output
C
L =15pF(Figure 2 and Figure 7)30
37
ns
t
PHL
Receiver Input to Output
S1 and S2 Closed
32
37
ns
t
ZL
Receiver Enable to Output Low
C
L =15pF(Figure 2 and Figure 8)S2
Open
15
20
ns
t
ZH
Receiver Enable to Output High
C
L =15pF(Figure 2 and Figure 8)S1
Open
11
20
ns
t
LZ
Receiver Disable from Low
C
L =15pF(Figure 2 and Figure 8)S2
Open
28
32
ns
t
HZ
Receiver Disable from High
C
L =15pF(Figure 2 and Figure 8)S1
Open
13
35
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com