Electronic Components Datasheet Search
  English  ▼

X  

DS75176 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75176
Description  Multipoint RS-485/RS-422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75176 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS75176 Datasheet HTML 1Page - National Semiconductor (TI) DS75176 Datasheet HTML 2Page - National Semiconductor (TI) DS75176 Datasheet HTML 3Page - National Semiconductor (TI) DS75176 Datasheet HTML 4Page - National Semiconductor (TI) DS75176 Datasheet HTML 5Page - National Semiconductor (TI) DS75176 Datasheet HTML 6Page - National Semiconductor (TI) DS75176 Datasheet HTML 7Page - National Semiconductor (TI) DS75176 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Function Tables
DS75176B Transmitting
Inputs
Line
Outputs
RE
DE
DI
Condition
DO
DO
X
1
1
No Fault
0
1
X
1
0
No Fault
1
0
X0
X
X
ZZ
X
1
X
Fault
Z
Z
DS75176B Receiving
Inputs
Outputs
RE
DE
RI-RI
RO
00
≥ +0.2V
1
00
≤ −0.2V
0
0
0
Inputs Open**
1
10
X
Z
X — Don’t care condition
Z — High impedance state
Fault — Improper line conditons causing excessive power dissipation in the driver, such as shorts or bus contention
situations
**This is a fail safe condition
Typical Application
00875911
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com