Electronic Components Datasheet Search
  English  ▼

X  

ADS8345EB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8345EB
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8345EB Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS8345EB Datasheet HTML 10Page - Texas Instruments ADS8345EB Datasheet HTML 11Page - Texas Instruments ADS8345EB Datasheet HTML 12Page - Texas Instruments ADS8345EB Datasheet HTML 13Page - Texas Instruments ADS8345EB Datasheet HTML 14Page - Texas Instruments ADS8345EB Datasheet HTML 15Page - Texas Instruments ADS8345EB Datasheet HTML 16Page - Texas Instruments ADS8345EB Datasheet HTML 17Page - Texas Instruments ADS8345EB Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ADS8345
SBAS177C
15
www.ti.com
POWER DISSIPATION
There are three power modes for the ADS8345: full-power
(PD1-PD0 = 11B), auto power-down (PD1-PD0 = 00B), and
shutdown (SHDN LOW). The effects of these modes varies
depending on how the ADS8345 is being operated. For
example, at full conversion rate and 24-clocks per conver-
sion,
there
is
very
little
difference
between
full-power mode and auto power-down; a shutdown will not
lower power dissipation.
When operating at full-speed and 24-clocks per conversion
(see Figure 6), the ADS8345 spends most of its time acquir-
ing or converting. There is little time for auto power-down,
assuming that this mode is active. Thus, the difference
between full-power mode and auto power-down is negligible.
If the conversion rate is decreased by simply slowing the
frequency of the DCLK input, the two modes remain approxi-
mately equal. However, if the DCLK frequency is kept at the
maximum rate during a conversion, but conversions are
simply done less often, then the difference between the two
modes is dramatic. In the latter case, the converter spends
an increasing percentage of its time in power-down mode
(assuming the auto power-down mode is active).
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
1.7
µs
tDS
DIN Valid Prior to DCLK Rising
50
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
100
ns
tDV
CS Falling to DOUT Enabled
70
ns
tTR
CS Rising to DOUT Disabled
70
ns
tCSS
CS Falling to First DCLK Rising
50
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
150
ns
tCL
DCLK LOW
150
ns
tBD
DCLK Falling to BUSY Rising
100
ns
tBDV
CS Falling to BUSY Enabled
70
ns
tBTR
CS Rising to BUSY Disabled
70
ns
TABLE VII. Timing Specifications (+VCC = +4.75V to +5.25V,
TA = –40°C to +85°C, and CLOAD = 50pF).
Data Format
The output data from the ADS8345 is in Binary Two’s
Complement format, as shown in Table VIII. This table
represents the ideal output code for the given input voltage
and does not include the effects of offset, gain error, or noise.
If DCLK is active and CS is LOW while the ADS8345 is in
auto power-down mode, the device will continue to dissipate
some power in the digital logic. The power can be reduced
to a minimum by keeping CS HIGH.
Operating the ADS8345 in auto power-down mode will result
in the lowest power dissipation, and there is no conversion
time “penalty” on power-up. The very first conversion will be
valid. SHDN can be used to force an immediate power-down.
NOISE
The noise floor of the ADS8345 itself is rather low (see
Figures 10 and 11). The ADS8345 was tested at both 5V and
2.7V, and in both the internal and external clock modes. A
low-level DC input was applied to the analog-input pins and
the converter was put through 5000 conversions. The digital
output of the A/D converter will vary in output code due to the
internal noise of the ADS8345. This is true for all 16-bit, SAR-
type, A/D converters. Using a histogram to plot the output
codes, the distribution should appear bell-shaped with the
peak of the bell curve representing the nominal code for the
input value. The
±1σ, ±2σ, and ±3σ distributions will repre-
sent the 68.3%, 95.5%, and 99.7%, respectively, of all codes.
The transition noise can be calculated by dividing the number
of codes measured by 6 and this will yield the
±3σ distribu-
tion, or 99.7%, of all codes. Statistically, up to 3 codes could
fall outside the distribution when executing 1000 conver-
sions. The ADS8345, with 5 output codes for the
±3σ
distribution, will yield a <
±0.83LSB transition noise at 5V
operation. Remember, to achieve this low-noise performance,
the peak-to-peak noise of the input signal and reference
must be < 50
µV.
DESCRIPTION
ANALOG VALUE
Full-Scale Range
2 • VREF
Least Significant
2 • VREF/65536
Bit (LSB)
BINARY CODE
HEX CODE
+Full-Scale
+VREF – 1LSB
0111 1111 1111 1111
7FFF
Midscale
0V
0000 0000 0000 0000
0000
Midscale – 1LSB
0V – 1LSB
1111 1111 1111 1111
FFFF
–Full-Scale
–VREF
1000 0000 0000 0000
8000
DIGITAL OUTPUT
BINARY TWO’S COMPLEMENT
TABLE VIII. Ideal Input Voltages and Output Codes.
FIGURE 10. Histogram of 5000 Conversions of a DC Input at
the Code Transition, 5V operation external clock
mode. VREF = VCOM = 2.5V.
FFFEH
FFFFH
Code
0000H
0001H
0002H
701
122
3544
568
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com