Electronic Components Datasheet Search
  English  ▼

X  

HV583 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583 Datasheet(HTML) 4 Page - Microchip Technology

  HV583 Datasheet HTML 1Page - Microchip Technology HV583 Datasheet HTML 2Page - Microchip Technology HV583 Datasheet HTML 3Page - Microchip Technology HV583 Datasheet HTML 4Page - Microchip Technology HV583 Datasheet HTML 5Page - Microchip Technology HV583 Datasheet HTML 6Page - Microchip Technology HV583 Datasheet HTML 7Page - Microchip Technology HV583 Datasheet HTML 8Page - Microchip Technology HV583 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HV583
DS20005461A-page 4
 2015 Microchip Technology Inc.
Logic Input High Voltage
VIH
2.3
—
VDD
VVDD = 4.5V to 5.5V
Logic Input Low Voltage
VIL
0—
0.7
VDD = 4.5V to 5.5V
Logic Input High Current
IIH
——
1.0
μAVIH = 5.3V, VDD =5.0V
10
30
60
VIH = 5.0V, for DIR only
Logic Input Low Current
IIL
-1.0
—
—
VIL =-0.3V
Logic Output High
VOH
4.5
—
—
V
IOUT =1.0 mA
Logic Output Low
VOL
——
0.5
IOUT =-1.0mA
AC ELECTRICAL CHARACTERISTICS
Electrical specifications
: Unless otherwise specified TA =TJ =25°C, VDD = 5.0V and VPP =80V
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Clock Pulse Width, High and Low(1)
twCLK
10
—
—
ns
VDD = 4.5V to 5.5V
TJ = -25°C to 125°C
LE Pulse Width, High and Low(2)
twLE
10
—
—
Setup Time, DnA/B to CLK(1)
tsu1
5—
—
Setup Time, CLK to LE(1)
tsu2
10
—
—
Setup Time, LE to OL,OH(1)
tsu3
25
—
—
Hold Time, CLK to DnA/B(1)
th1
5—
—
Hold Time, LE to CLK(1)
th2
10
—
—
CLK to DnA/B (High-to-Low)
tpdHL
——
25
CL =15 pF
CLK to DnA/B (Low-to-High)
tpdLH
——
25
CL =15 pF
LE,OL,OH to HVOUTn (High-to-Low)
tpHL
—
—
150
CL =50 pF
LE,OL,OH to HVOUTn (Low-to-High)
tpLH
Typ-40
tpHL+ tf Typ+40
CL =80 pF
OE to HVOUTn (High-to-Low)
tpHZL
—
—
150
CL =50 pF
OE to HVOUTn (Low-to-High)
tpLZH
Typ-40
tpHL+ tf Typ+40
CL =80 pF
OE to HVOUTn (High-to-Low)
tpHZ
—
—
300
RL = 10K, CL =50pF
OE to HVOUTn (Low-to-High)
tpLZ
——
300
RL = 10K, CL =50pF
Rise Time HVOUTntr
——
120
CL =50 pF
Fall Time HVOUTntf
——
120
CL =50pF
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Specification is for design guidance only.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
TJ
-25
—
+125
°C
Storage Temperature
TA
-40
—
+150
°C
Package Thermal Resistance
Thermal Resistance, 169-Ball TFBGA
JA
—27
—
°C/W
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical specifications
: Unless otherwise specified, TA =TJ =+25°C, VDD = 5.0V and VPP =80V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification is for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com